Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1535 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 7Page - STMicroelectronics UM1535 Datasheet HTML 8Page - STMicroelectronics UM1535 Datasheet HTML 9Page - STMicroelectronics UM1535 Datasheet HTML 10Page - STMicroelectronics UM1535 Datasheet HTML 11Page - STMicroelectronics UM1535 Datasheet HTML 12Page - STMicroelectronics UM1535 Datasheet HTML 13Page - STMicroelectronics UM1535 Datasheet HTML 14Page - STMicroelectronics UM1535 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
UM1535
Working with pre-flashed software
Doc ID 023036 Rev 2
11/39
There is a wide choice of file system standards for Flash memories in the Linux world (for
example, CRAMFS, JFFS2, YAFFS2, LogFS, UBIFS).
The pre-flashed software is based on the most commonly used standard, namely JFFS2.
The main advantage of JFFS2 is the built-in support for compression. It is also the most
consolidated file system, while generally not providing the best performance in terms of
booting time.
2.3
Booting up to the Linux prompt
To boot Linux just power up the board. You then see the bootloader messages and prompt.
If you press space key in this phase, you stop the bootloader execution and display the U-
Boot command prompt (see next section). Instead, wait for a few seconds while the Linux
kernel is loaded and launched. Progress is displayed by a sequence of kernel boot
messages. The root filesystem is mounted automatically, the system shell is run and a
prompt appears when it is ready to accept commands.
The pre-flashed filesystem provides a default set of system commands and runtime
libraries.
System commands are the familiar basic utilities mainly provided to support the
development and debugging stages. They are all stored under standard Linux paths. They
may not be strictly needed in a final product, however their small size allows them to be kept
in production devices without a significant penalty in terms of memory footprint.
As is typical for embedded Linux environments, STLinux uses BusyBox, an open source
program combining tiny versions of many common user-space Linux utilities into a single
small executable, an important factor when minimized Flash footprint is required.
BusyBox has been developed with size-optimization and limited resources in mind, for this
reason the available commands typically have fewer options than their full-featured GNU
counterparts. However, the most important options are still available with all the functions
needed for developing and testing embedded products.
As well as the features of BusyBox, a number of additional executable programs are also
included.
In addition to playing with commands, it can be also helpful to explore the Linux standard
/proc pseudo-filesystem. This subtree contains user-accessible entries that pertain to the
runtime state of the kernel and, by extension, the executing processes that run on top of it.
The "pseudo" term is used because the proc filesystem exists only as a reflection of the in-
memory kernel data structures it displays. This is why most files and directories within /proc
are zero bytes in size.
In practice, the proc file system is intended to be populated at runtime with system
information and statistics. Proc files may be either read-only or read-write. Each numerically
named directory within /proc corresponds to the process ID (PID) of a process currently
executing on the system. This part of the proc file system totally depends on the runtime
state of the target. Each numeric entry contains subfiles that provide process-specific
information. The other (non-numeric) entries describe some aspects of kernel operation.
Some of the common user commands performed on the proc file system are:
# cat /proc/version
Displays full Linux kernel version information
# cat /proc/sys/kernel/osreleaseDisplays Linux kernel release
# cat /proc/sys/kernel/version
Displays Linux kernel build date and time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com