Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1560 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1560 Datasheet HTML 1Page - STMicroelectronics UM1560 Datasheet HTML 2Page - STMicroelectronics UM1560 Datasheet HTML 3Page - STMicroelectronics UM1560 Datasheet HTML 4Page - STMicroelectronics UM1560 Datasheet HTML 5Page - STMicroelectronics UM1560 Datasheet HTML 6Page - STMicroelectronics UM1560 Datasheet HTML 7Page - STMicroelectronics UM1560 Datasheet HTML 8Page - STMicroelectronics UM1560 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
DocID023545 Rev 1
5/59
UM1560
Getting started
59
1
Getting started
1.1
System requirements
Software
–
Processor: minimum 500 MHz, recommended 1.0 GHz
–
RAM: minimum 256 MB, recommended 1 GB depending on the operating system
used
–
Hard disk: 7200 rpm HDD
–
Supported operating systems: Windows Server 2003; Windows XP
–
The latest service pack and critical updates are requested according to the version
of Windows used. These can be downloaded from Microsoft update website
–
Microsoft .NET Framework 2.0 SP1 has to be installed on the PC
–
Microsoft Internet Explorer 7.0 (with the latest service pack) has to be installed
–
VC++ 2005 runtime has to be installed on the system
–
Full installation of POS software application requires about 10 MB of hard disk
space. Additional space may be required for inventory database
To know the operating system present in the computer, below steps can be followed:
1.
Click “start”
2.
Right click “my computer”
3.
Click “properties”
4.
Go to system tab where the operating system is listed
1.2
Package contents
The STEVAL-IPC004V1 system includes the following items:
1.
Hardware content: the STEVAL-IPC004V1 evaluation board
2.
Software content: PC-based server application software with help file
1.3
Hardware installation
1.3.1
Power supply
The board can be powered either connecting a 5 V, 2.5 A adapter to J12 or by 7.2 V, 2 A Li-
Ion-based battery pack. The correct terminal of the battery, BT1, has to be connected to the
main board (refer to the schematic in appendix A). A battery charging circuitry is also
implemented on the board.
1.3.2
Jumper/ connector settings
Most of connectors are always available on the system and some of them are very
important for the correct use of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com