Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1561 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 4 Page - STMicroelectronics

  UM1561 Datasheet HTML 1Page - STMicroelectronics UM1561 Datasheet HTML 2Page - STMicroelectronics UM1561 Datasheet HTML 3Page - STMicroelectronics UM1561 Datasheet HTML 4Page - STMicroelectronics UM1561 Datasheet HTML 5Page - STMicroelectronics UM1561 Datasheet HTML 6Page - STMicroelectronics UM1561 Datasheet HTML 7Page - STMicroelectronics UM1561 Datasheet HTML 8Page - STMicroelectronics UM1561 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
System overview
UM1561
4/39
Doc ID 023556 Rev 1
1
System overview
This demonstration board consists of an isolated interleaved boost DC-DC converter and a
mixed frequency full bridge inverter used to deliver sinusoidal current at 50 Hz or 60 Hz to
the grid. The board is provided with a digital control section, capable of controlling the grid-
connected operation as well as an MPPT (maximum power point tracking) algorithm. The
firmware has been implemented on a 32-bit STM32F1xx microcontroller, high-performance
ARM® Cortex™-M3 32-bit RISC core operating at a 72 MHz frequency, high-speed
embedded memories (512 Kbytes for Flash memory and 64 Kbytes of SRAM), and an
extensive range of enhanced I/Os and peripherals connected to two APB buses. The device
offers three 12-bit ADCs, four general-purpose 16-bit timers plus two advanced PWM
timers, as well as standard and advanced communication interfaces: two I2Cs, three SPIs,
two I2Ss, one SDIO, five USARTs, a USB and a CAN.
Figure 1.
250 W microinverter - digital section based on STM32F1xx
microcontroller
STM32
ARM Cortex -M3
32-bit RISC core
™
®
AM15187v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com