Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1755 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 5Page - STMicroelectronics UM1755 Datasheet HTML 6Page - STMicroelectronics UM1755 Datasheet HTML 7Page - STMicroelectronics UM1755 Datasheet HTML 8Page - STMicroelectronics UM1755 Datasheet HTML 9Page - STMicroelectronics UM1755 Datasheet HTML 10Page - STMicroelectronics UM1755 Datasheet HTML 11Page - STMicroelectronics UM1755 Datasheet HTML 12Page - STMicroelectronics UM1755 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
DocID026257 Rev 2
9/123
UM1755
ACI command data format
123
2
ACI command data format
When sending an ACI command to the BlueNRG, the command must be formatted as
described in this chapter.
2.1
Overview
The BlueNRG ACI commands utilize and extend the standard HCI data format. The
standard HCI data format is a part of the Bluetooth core specification. To avoid redundancy
and inconsistency, the texts are not copied into this document. Please refer to the official
Bluetooth specification, Volume 2, Part E, Chapter 5 for detailed information.
According to the Bluetooth specification, a standard HCI packet can be an:
1.
HCI command packet
2.
HCI ACL data packet
3.
HCI synchronous data packet
4.
HCI event packet
In the BlueNRG, the HCI synchronous data packet is not supported, but the other three are.
2.2
HCI command packet
When an external device gives a command to the BlueNRG, the command must be
formatted in a HCI command packet. The BlueNRG only receives the HCI command
packets, but does not transmit.
Figure 4. HCI command packet
Each HCI command uses a 2 byte OpCode to uniquely identify different types of
commands. The OpCode is divided into two fields: the OpCode Group Field (OGF) and the
OpCode Command Field (OCF). The OGF is the upper 6 bits and the remaining lower 10
bits are used by the OCF.
All HCI commands are grouped into logical groups by the Bluetooth specification and each
group is assigned a unique OGF value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com