Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD7225G01 Datasheet(PDF) 45 Page - NEC

Part # UPD7225G01
Description  PROGRAMMABLE LCD CONTROLLER/DRIVER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7225G01 Datasheet(HTML) 45 Page - NEC

Back Button UPD7225G01 Datasheet HTML 41Page - NEC UPD7225G01 Datasheet HTML 42Page - NEC UPD7225G01 Datasheet HTML 43Page - NEC UPD7225G01 Datasheet HTML 44Page - NEC UPD7225G01 Datasheet HTML 45Page - NEC UPD7225G01 Datasheet HTML 46Page - NEC UPD7225G01 Datasheet HTML 47Page - NEC UPD7225G01 Datasheet HTML 48Page - NEC UPD7225G01 Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Data Sheet S14308EJ6V0DS00
45
µµµµPD7225
µµµµPD7225GB-3B7
56 PIN PLASTIC QFP (10 10)
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.13 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
S56GB-65-3B7-3
R5
°±5°
5
°±5°
S
3.0 MAX.
0.119 MAX.
N
detail of lead end
I
J
F
G
H
Q
R
P
K
M
L
A
13.2±0.4
0.520±0.016
B
10.0±0.2
0.394±0.008
C
10.0±0.2
0.394±0.008
D
13.2±0.4
0.520±0.016
F
0.75
0.030
G
0.75
0.030
L
0.8±0.2
0.031+0.009
–0.008
H
0.30±0.10
0.012+0.004
–0.005
I
0.13
0.005
J
0.65 (T.P.)
0.026 (T.P.)
K
1.6±0.2
0.063±0.008
M
0.15
0.006+0.004
–0.003
N
0.10
0.004
P
2.7
0.106
Q
0.1±0.1
0.004±0.004
+0.10
–0.05
M
39
40
27
26
14
13
1
52
A
B
CD
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com