Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4617 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4617
Description  Migrating between STM32F0 and STM32L0 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4617 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4617 Datasheet HTML 3Page - STMicroelectronics AN4617 Datasheet HTML 4Page - STMicroelectronics AN4617 Datasheet HTML 5Page - STMicroelectronics AN4617 Datasheet HTML 6Page - STMicroelectronics AN4617 Datasheet HTML 7Page - STMicroelectronics AN4617 Datasheet HTML 8Page - STMicroelectronics AN4617 Datasheet HTML 9Page - STMicroelectronics AN4617 Datasheet HTML 10Page - STMicroelectronics AN4617 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID027161 Rev 1
7/26
AN4617
Peripheral migration
25
Table 4. STM32 peripheral compatibility analysis F0 versus L0 series
Peripheral
F0
series
L0
series
Compatibility
Possible differences
from user point of view
Pinout
FW driver
compatibility
SPI
Yes++
Yes
FIFO availability
Data size selection
Data packing
Identical
Partial
WWDG
Yes
Yes+
None
NA
Full
IWDG
Yes
Yes+ None
NA
Full
DBGMCU
Yes
Yes+ Sleep mode control
Identical for the SWD
Partial
CRC
Yes
Yes
None
NA
Full
NVIC
Yes
Yes+
EXTI vectors
Wake up capability
Internal event sources
Identical for the same feature
Partial
DMA
Yes
Yes+
Remapping control
NA
Partial
TIM
Yes
Yes+
Number of timers
Functionality
Low power timer
Identical for the same feature
Partial
PWR
Yes
Yes+
Dynamic voltage scaling
BOR threshold control
Low power modes
Fast wake up
Internal reset sources
Identical for the same feature
Partial
RCC
Yes
Yes+
Internal clock sources
CSS on LSE
Internal clock measurement
Calibration capability
Identical for the same feature
except OSC32 for small
packages
Partial
USART
Yes
Yes+ Low power UART
Identical for the same feature
Partial
I2C
Yes
Yes+ None
Identical
Full
DAC
Yes
Yes+
Supply range
HW trigger
Identical for the same feature
Partial
ADC
Yes
Yes++
Supply range
HW trigger
HW oversampling
Low frequency mode
Interrupt sources
Identical for the same feature
Partial
COMP
Yes
Yes+
Ultra low power
Speed, hysteresis
Outputs/Inputs
Identical for the same feature
Partial
RTC
Yes
Yes+
Number of alarms
Triggers from tamper events
Identical for the same feature
Partial
FLASH
Yes
Yes+ Sector & firewall protection
NA
Partial
RAM
Yes
Yes
Firewall protection (L0 only)
Parity check (F0 only)
NA
Partial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com