Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4654 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 5Page - STMicroelectronics AN4654 Datasheet HTML 6Page - STMicroelectronics AN4654 Datasheet HTML 7Page - STMicroelectronics AN4654 Datasheet HTML 8Page - STMicroelectronics AN4654 Datasheet HTML 9Page - STMicroelectronics AN4654 Datasheet HTML 10Page - STMicroelectronics AN4654 Datasheet HTML 11Page - STMicroelectronics AN4654 Datasheet HTML 12Page - STMicroelectronics AN4654 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DocID027444 Rev 1
9/32
AN4654
Boot mode compatibility
31
2
Boot mode compatibility
The way to select the boot mode on the STM32L0xx products differs from STM32L1xx
product family. Instead of using two pins for the boot mode setting, STM32L0xx products
use BOOT0 pin and retrieve the nBOOT1 value from an option bit located in the User option
bytes at 0x1FF80000 memory address.
On the STM32L01x and STM32L02x devices the BOOT0 pin can be replaced by nBOOT0
bit using the BOOT_SEL bit in the User option bytes. This provides the ability to use the
BOOT0 pin as GPIO input only pin on the device.
Table 3 summarizes the different configurations available for the Boot mode selection.
Note:
The BOOTx value is the opposite of the nBOOTx option bit, where x stands for 1 and 2.
Table 3. Boot modes(1)
1. Gray options are available on STM32L01x and STM32L02x devices only.
Boot mode configuration
Mode
n BOOT1
bit
BOOT0
pin
BOOT_SEL
bit
nBOOT0
bit
x0
0
x
Main Flash memory is selected as boot space
1
1
0
x
System memory is selected as boot space
0
1
0
x
Embedded SRAM is selected as boot space
x
x
1
1
Main Flash memory is selected as boot space
1
x
1
0
System memory is selected as boot space
0
x
1
0
Embedded SRAM is selected as boot space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com