Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4658 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4658
Description  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 3Page - STMicroelectronics AN4658 Datasheet HTML 4Page - STMicroelectronics AN4658 Datasheet HTML 5Page - STMicroelectronics AN4658 Datasheet HTML 6Page - STMicroelectronics AN4658 Datasheet HTML 7Page - STMicroelectronics AN4658 Datasheet HTML 8Page - STMicroelectronics AN4658 Datasheet HTML 9Page - STMicroelectronics AN4658 Datasheet HTML 10Page - STMicroelectronics AN4658 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID027496 Rev 1
7/24
AN4658
Peripheral migration guide
23
2
Peripheral migration guide
2.1
STM32 product cross-compatibility
The STM32 microcontrollers embed a set of peripherals that can be classed in three
categories:
1.
Peripherals which are by definition common to all products. Those peripherals are
identical, so they have the same structure, registers and control bits. There is no need
to perform any firmware change to keep the same functionality at the application level
after migration. All the features and behavior remain the same.
2.
Peripherals which are shared by all products but have only minor differences (in
general to support new features), so migration from one product to another is very easy
and does not need any significant new development effort.
3.
Peripherals which have been considerably changed from one product to another (new
architecture, new features...). For this category of peripherals, migration will require
new development at application level.
Table 3 summarizes the available peripherals and their compatibility between the
STM32F429/439 and the STM32F446 lines.
Table 3. Peripheral compatibility analysis
Peripherals
STM32F429xx/439xx STM32F446xx
Compatibility
SW
Comments
Flash memory (in Bytes)
2M
512K
-
-
SRAM
(in KBytes)
System
256
(112+16+64+64)
128
(112+16)
--
Backup
4
4
-
-
Timers
General Purpose
10
10
-
-
Advanced control
2
2
-
-
Basic
2
2
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com