Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4660 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4660
Description  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 5Page - STMicroelectronics AN4660 Datasheet HTML 6Page - STMicroelectronics AN4660 Datasheet HTML 7Page - STMicroelectronics AN4660 Datasheet HTML 8Page - STMicroelectronics AN4660 Datasheet HTML 9Page - STMicroelectronics AN4660 Datasheet HTML 10Page - STMicroelectronics AN4660 Datasheet HTML 11Page - STMicroelectronics AN4660 Datasheet HTML 12Page - STMicroelectronics AN4660 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID027558 Rev 2
9/27
AN4660
Peripheral migration
26
Communication
interfaces
QuadSPI
No
Yes
NA
-
SPI / I2S
6/2 (full duplex)
4/3 (simplex)
6/3 (simplex)(1)
No /
Yes
I2S compatible.
I2C
3
4
No
Programmable clock
source for
STM32F74xxx/F75xxx
USART/UART
4/4
4/4
No
Additional features on
STM32F74xxx/F75xxx
USB OTG FS
Yes
Yes
No
Dedicated VDDUSB
More endpoints on
STM32F74xxx/F75xxx
USB OTG HS
Yes
Yes
No
More endpoints and
host channels
CAN
2
2
Yes
-
SAI
1
2
Yes
-
SDIO/SDMMC1
Yes
Yes
Yes
New clock source for
SDMMC1 on
STM32F74xxx/F75xxx
SPDIFRX
No
4 inputs
NA
-
RNG
Yes
Yes
Yes
-
FMC memory controller
Yes
Yes
Yes
-
Ethernet
Yes
Yes
Yes
-
HDMI-CEC
No
Yes
NA
-
DCMI
Yes
Yes
Yes
-
WWDG
Yes
Yes
Yes
-
IWDG
Yes
Yes
Yes
-
CRC
Yes
Yes
Yes
Additional features on
STM32F74xxx/F75xxx
LCD-TFT
No | Yes(2)
Yes
Yes
-
DMA
DMA1-DMA2 (8 stream each)
Yes
-
Chrom-ART-Acc (DMA2D)
Yes
Yes
Yes
-
Crypto
Yes
Yes
Yes
-
Hash
Yes
Yes
Yes
-
GPIO
Up to 168
Up to 168
Yes
-
ADC
12 bits
33
Yes
ADC Timer Trigger not
compatible
Number of
channels
16|24
16|24
Table 5. STM32 peripheral compatibility analysis STM32F42xxx/F43xxx versus
STM32F74xxx/F75xxx (continued)
Peripherals
STM32F42xxx/
F43xxx
STM32F74xxx/
F75xxx
Compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com