| Electronic Components Datasheet Search |
|
PM0237 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0237 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 88 page ![]() April 2015 DocID027104 Rev 2 1/88 PM0237 Programming manual BlueNRG, BlueNRG-MS stacks programming guidelines Introduction The main purpose of this document is to provide a developer with some reference programming guidelines about how to develop a Bluetooth low energy (BLE) host applications using BlueNRG, BlueNRG-MS stacks APIs. The document describes the BlueNRG, BlueNRG-MS stacks architecture, APIs interface and callbacks allowing to get access to the Bluetooth low energy functions provided by the BlueNRG, BlueNRG-MS network coprocessors. This programming manual also provides some fundamental concepts about the Bluetooth low energy (BLE) technology in order to associate the BlueNRG, BlueNRG-MS APIs, parameters, and related events with the BLE protocol stack features. It is assumed that the user already has a basic knowledge about the BLE technology and its main features. For more information related to the full set related to the BlueNRG, BlueNRG-MS devices and the Bluetooth specification v4.0 and v4.1, refer to Section 4: References at the end of this document. The BlueNRG is a very low power Bluetooth low energy (BLE) single-mode network processor, compliant with Bluetooth specification v4.0 and supporting master or slave role. The BlueNRG-MS is a very low power Bluetooth low energy (BLE) single-mode network processor, compliant with Bluetooth specification v4.1 and supporting both master and slave roles. The manual is structured as follows: • Fundamentals of Bluetooth low energy (BLE) technology • BlueNRG, BlueNRG-MS stacks architecture and application command interface (ACI) overview • How to design an application using the BlueNRG, BlueNRG-MS stacks ACI APIs Note: The document content is valid for both BlueNRG and BlueNRG-MS devices. Any specific difference is highlighted whenever it is needed. www.st.com |
Similar Part No. - PM0237 |
|
Similar Description - PM0237 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |