Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-25CTQ035PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-25CTQ035PBF
Description  Schottky Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25CTQ035PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-25CTQ035PBF Datasheet HTML 1Page - Vishay Siliconix VS-25CTQ035PBF Datasheet HTML 2Page - Vishay Siliconix VS-25CTQ035PBF Datasheet HTML 3Page - Vishay Siliconix VS-25CTQ035PBF Datasheet HTML 4Page - Vishay Siliconix VS-25CTQ035PBF Datasheet HTML 5Page - Vishay Siliconix VS-25CTQ035PBF Datasheet HTML 6Page - Vishay Siliconix VS-25CTQ035PBF Datasheet HTML 7Page - Vishay Siliconix VS-25CTQ035PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 95222
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 08-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
TO-220AB
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension and finish uncontrolled in L1
(3) Dimension D, D1 and E do not include mold flash. Mold flash
shall not exceed 0.127 mm (0.005") per side. These dimensions
are measured at the outermost extremes of the plastic body
(4) Dimension b1, b3 and c1 apply to base metal only
(5) Controlling dimensions: inches
(6) Thermal pad contour optional within dimensions E, H1, D2 and
E1
(7) Dimensions E2 x H1 define a zone where stamping and
singulation irregularities are allowed
(8) Outline conforms to JEDEC TO-220, except A2 (maximum) and
D2 (minimum) where dimensions are derived from the actual
package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
E
10.11
10.51
0.398
0.414
3, 6
A1
1.14
1.40
0.045
0.055
E1
6.86
8.89
0.270
0.350
6
A2
2.56
2.92
0.101
0.115
E2
-
0.76
-
0.030
7
b
0.69
1.01
0.027
0.040
e
2.41
2.67
0.095
0.105
b1
0.38
0.97
0.015
0.038
4
e1
4.88
5.28
0.192
0.208
b2
1.20
1.73
0.047
0.068
H1
6.09
6.48
0.240
0.255
6, 7
b3
1.14
1.73
0.045
0.068
4
L
13.52
14.02
0.532
0.552
c
0.36
0.61
0.014
0.024
L1
3.32
3.82
0.131
0.150
2
c1
0.36
0.56
0.014
0.022
4
Ø P
3.54
3.73
0.139
0.147
D
14.85
15.25
0.585
0.600
3
Q
2.60
3.00
0.102
0.118
D1
8.38
9.02
0.330
0.355
90° to 93°
90° to 93°
D2
11.68
12.88
0.460
0.507
6
13
2
D
D1
H1
Q
13
2
C
C
D
D
3 x b2
3 x b
(b, b2)
b1, b3
(H1)
D2
Detail B
C
A
B
L
e1
Lead tip
E
E2
Ø P
0.014
A
B
M
M
0.015
A
B
MM
Seating
plane
c
A2
A1
A
A
A
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode
Conforms to JEDEC outline TO-220AB
(6)
(6)
(7)
(6)
(7)
e
2 x
L1 (2)
Detail B
Section C - C and D - D
View A - A
Base metal
Plating
(4)
(4)
c1
c
(6)
Thermal pad
(E)
E1
(6)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com