Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1770 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1770
Description  BlueNRG profile application interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1770 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1770 Datasheet HTML 24Page - STMicroelectronics UM1770 Datasheet HTML 25Page - STMicroelectronics UM1770 Datasheet HTML 26Page - STMicroelectronics UM1770 Datasheet HTML 27Page - STMicroelectronics UM1770 Datasheet HTML 28Page - STMicroelectronics UM1770 Datasheet HTML 29Page - STMicroelectronics UM1770 Datasheet HTML 30Page - STMicroelectronics UM1770 Datasheet HTML 31Page - STMicroelectronics UM1770 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Profile – application interface functions
UM1770
28/56
DocID026385 Rev 2
6.3.6
HT_Update_Temperature_Type()
Description
The application calls this to update the temperature type characteristic. The temperature
type indicates the part of the body where the temperature is being measured. During an
active connection, this setting must remain static and updates are not allowed. On
successful update, the event EVT_HT_TEMP_TYPE_CHAR_UPDATE_CMPLT is sent to
the application.
Parameters
1.
Type – the type denotes the part of the body where the temperature is measured;
below is the list of the type fields:
–
TEMP_MEASURED_AT_ARMPIT (0x01)
–
TEMP_MEASURED_FOR_BODY (0x02)
–
TEMP_MEASURED_AT_EAR (0x03)
–
TEMP_MEASURED_AT_FINGER (0x04)
–
TEMP_MEASURED_AT_GASTRO_INTESTINAL_TRACT (0x05)
–
TEMP_MEASURED_AT_MOUTH (0x06)
–
TEMP_MEASURED_AT_RECTUM (0x07)
–
TEMP_MEASURED_AT_TOE (0x08)
–
TEMP_MEASURED_AT_TYMPANUM (0x09)
6.3.7
HT_StateMachine()
Description
The application calls this function for checking current main profile and profile state,
substate and performing related actions and consequent states updates.
Parameters
None
6.4
Alert Notification profile
Alert Notification – Client
6.4.1
ANC_Client_Init()
Description
Initializes the Alert Notification Profile. It returns BLE_STATUS_SUCCESS if the procedure
is started successfully. Notification of successful initialization of the profile is sent to the
application through the event EVT_ANC_INITIALIZED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com