Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM1865 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1865
Description  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 6Page - STMicroelectronics UM1865 Datasheet HTML 7Page - STMicroelectronics UM1865 Datasheet HTML 8Page - STMicroelectronics UM1865 Datasheet HTML 9Page - STMicroelectronics UM1865 Datasheet HTML 10Page - STMicroelectronics UM1865 Datasheet HTML 11Page - STMicroelectronics UM1865 Datasheet HTML 12Page - STMicroelectronics UM1865 Datasheet HTML 13Page - STMicroelectronics UM1865 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
ACI command data format
UM1865
10/132
DocID027514 Rev 1
All HCI commands are grouped into logical groups by the Bluetooth specification and each
group is assigned a unique OGF value.
Depending on the OGF, the commands can be categorized into 3 sets:
1.
Standard HCI commands: the commands with an OGF value other than 0x3F. These
commands are designed for the controller. All standard HCI command are clearly
defined in the Bluetooth specification, so they are not described in this document.
2.
Vendor specific (VS) HCI commands: the commands with an OGF value 0x3F and are
designed for the controller. Each vendor can define their own VS commands based on
the hardware implementation. The VS commands defined for the BlueNRG-MS are
described in this document.
3.
Vendor specific (VS) ACI commands: the commands also with an OGF value 0x3F, but
these commands are designed to control/access the host. The Bluetooth specification
does not define any command for the host, so all the ACI commands are naturally
vendor specific. The ACI commands for the BlueNRG-MS are described in this
document.
To clarify, the commands designed to control the controller are called HCI commands. This
name is defined by the Bluetooth specification and we maintain it here in order to comply
with the specification. The commands designed to control the host are called ACI
commands. We give it a different name to indicate that this command is rather assigned to
the host, i.e. to the whole BLE system, and not only to the controller at the lower level.
However, because both ACI and HCI commands are the commands received from the
external device via the ACI interface, and both of them share the same data format,
sometimes it is not very important to differentiate between the two. So in this document,
when referring in general to commands, we use the term “ACI commands”.
In practice, the value of the OpCode is more important. Each command, regardless of
whether it is an HCI or an ACI command, matches only one OpCode value. The user
application should guarantee the OpCode value is used correctly.
Please note that the Bluetooth specification uses bit-wise little endian format for the
OpCode. So in Figure 4, the OGF field is placed to the right. But in this document, when
writing an OpCode in the format of 0xXXXX, we imply the most significant bit to the left. For
example, if an OpCode is 0xFE81, its top 6-bit OGF is “111111”, i.e. 0x3F, so it is a vendor
specific command. And its OCF is 10-bit 0x281. For another example, if an OpCode is
Table 1. OGF value
Group Name
OGF Value
Link Control Commands
0x01
Link Policy Commands
0x02
Controller and Baseband Commands
0x03
Information Parameters
0x04
Status Parameters
0x05
Testing Commands
0x06
LE Controller Commands
0x08
Vendor Specific Commands
0x3F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com