Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SBL1045CFSH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SBL1045CFSH
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SBL1045CFSH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SBL1045CFSH Datasheet HTML 1Page - Zowie Technology Corporation SBL1045CFSH Datasheet HTML 2Page - Zowie Technology Corporation SBL1045CFSH Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBL1045CFSH
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 45 Volts
Forward Current - 10 Amperes
FEATURES
MECHANICAL DATA
* Halogen-free type
* Compliance to RoHS produc
* Low forward voltage drop
* High current capacity
* High reliability
* High surge current capability
* 10 Amperes total (5 Amperes per diode leg)
* Plastic Material-UL Recognition Flammability
Classification 94V-0
Case : JEDEC ITO-220AB molded plastic body
Terminals : Plated Leads, solderable per
MIL-STD-750, Method 2026
Polarity : Molded on body
Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Zowie Technology Corporation
REV. 0
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Peak repetitive forward current
(rated VR, square wave, 20KHz)
Maximum instantaneous forward voltage
@ IF= 5 A
Maximum DC reverse current
at rated DC blocking voltage
@Tj=25
o
C
@Tj=125
o
C
SYMBOLS
IFM
VF
IR
10
0.55
0.50
0.20
50
UNITS
SBL1045CFSH
Maximum repetitive peak reverse voltage
VRRM
45
Maximum RMS voltage
VRMS
32
Maximum DC blocking voltage
VDC
45
Volts
Typical junction capacitance (Note)
CJ
250
pF
Typical thermal resistance
RθJA
75
℃ / W
Volts
Maximum average forward rectified current
I (AV)
10
Amps
Amps
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
150
Amps
mA
Storage temperature range
TSTG
-55 to +150
Operating junction temperature
TJ
125
Note : Measured at 1.0MHz and applied reverse voltage of 4.0V.
Tj=25
o
C
Tj=125
o
C
*Dimensions in inches and (millimeters)
1
2
3
ITO-220AB
0.413(10.50)
0.374(9.50)
0.114(2.90)
0.118(3.0)
MIN.
1
2
3
0.098(2.50)
0.161(4.10)
MAX.
0.043(1.10)
0.019(0.50)
0.106(2.70)
0.087(2.20)
0.055(1.40)
0.039(1.00)
0.130(3.30)
0.091(2.30)
0.193(4.90)
0.165(4.20)
0.031(0.80)
0.016(0.40)
0.138(3.50)
MAX.


Similar Part No. - SBL1045CFSH

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SBL1045CL MOSPEC-SBL1045CL Datasheet
141Kb / 2P
Switchmode Dual Schottky Barrier Power Rectifiers
logo
Diodes Incorporated
SBL1045CT DIODES-SBL1045CT Datasheet
66Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. C-2
SBL1045CT DIODES-SBL1045CT Datasheet
74Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. 4 - 2
logo
List of Unclassifed Man...
SBL1045CT ETC2-SBL1045CT Datasheet
103Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
SBL1045CT SIRECTIFIER-SBL1045CT Datasheet
103Kb / 2P
Low VF Schottky Barrier Rectifiers
More results

Similar Description - SBL1045CFSH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com