Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1762 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1762
Description  150mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1762 Datasheet(HTML) 5 Page - Linear Technology

  LT1762_15 Datasheet HTML 1Page - Linear Technology LT1762_15 Datasheet HTML 2Page - Linear Technology LT1762_15 Datasheet HTML 3Page - Linear Technology LT1762_15 Datasheet HTML 4Page - Linear Technology LT1762_15 Datasheet HTML 5Page - Linear Technology LT1762_15 Datasheet HTML 6Page - Linear Technology LT1762_15 Datasheet HTML 7Page - Linear Technology LT1762_15 Datasheet HTML 8Page - Linear Technology LT1762_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1762 Series
1762fa
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
8
1762 G10
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
LT1762-2.5
Quiescent Current
LT1762-3.3
Quiescent Current
LT1762-3
Quiescent Current
INPUT VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
8
1762 G11
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
8
1762 G12
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
8
1762 G13
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
02
6
10
14
18
30
25
20
15
10
5
0
4
8
12
16
1762 G14
20
TJ = 25°C
RL = 250k
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1762 G15
2
13
5
7
9
4
6
10
RL = 100Ω
IL = 25mA*
RL = 250Ω
IL = 10mA*
RL = 2.5k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 2.5V
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1762 G16
2
13
5
7
9
4
6
10
RL = 120Ω
IL = 25mA*
RL = 300Ω
IL = 10mA*
RL = 3k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3V
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1762 G17
2
13
5
7
9
4
6
10
RL = 132Ω
IL = 25mA*
RL = 330Ω
IL = 10mA*
RL = 3.3k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3.3V
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1762 G18
2
13
5
7
9
4
6
10
RL = 200Ω
IL = 25mA*
RL = 500Ω
IL = 10mA*
RL = 5k
IL = 1mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 5V
LT1762-5
Quiescent Current
LT1762-2.5
GND Pin Current
LT1762
Quiescent Current
LT1762-3
GND Pin Current
LT1762-5
GND Pin Current
LT1762-3.3
GND Pin Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com