Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THBFR411 Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # THBFR411
Description  Small size suitable for compact appliances
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

THBFR411 Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button THBFR411 Datasheet HTML 5Page - Seoul Semiconductor THBFR411 Datasheet HTML 6Page - Seoul Semiconductor THBFR411 Datasheet HTML 7Page - Seoul Semiconductor THBFR411 Datasheet HTML 8Page - Seoul Semiconductor THBFR411 Datasheet HTML 9Page - Seoul Semiconductor THBFR411 Datasheet HTML 10Page - Seoul Semiconductor THBFR411 Datasheet HTML 11Page - Seoul Semiconductor THBFR411 Datasheet HTML 12Page - Seoul Semiconductor THBFR411 Datasheet HTML 13Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
10. Packing
Outer Box Structure
c
a
b
7inch
245
220
142
SIZE (mm)
Material : Paper(SW3B(B))
TYPE
Aluminum Vinyl Bag
Reel
DESI PAK
RANK:
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
XXX
SEOUL SEMICONDUCTOR CO., LTD.
RANK:
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
XXX
SEOUL SEMICONDUCTOR CO., LTD.
XXXXXX
XXXXXX
1 SIDE
RANK:
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
XXXXXX
a
b
c
1
RoHS
2
2 SIDE
LOT NUMBER
Rank
QTY
SEOUL SEMICONDUCTOR CO., LTD.
# # # #
# # #
# # #
# # #
# # # # # # #
HUMIDITY INDICATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com