Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1082 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1082
Description  1A High Voltage, Efficiency Switching Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1082 Datasheet(HTML) 2 Page - Linear Technology

  LT1082 Datasheet HTML 1Page - Linear Technology LT1082 Datasheet HTML 2Page - Linear Technology LT1082 Datasheet HTML 3Page - Linear Technology LT1082 Datasheet HTML 4Page - Linear Technology LT1082 Datasheet HTML 5Page - Linear Technology LT1082 Datasheet HTML 6Page - Linear Technology LT1082 Datasheet HTML 7Page - Linear Technology LT1082 Datasheet HTML 8Page - Linear Technology LT1082 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1082
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ....................................................... 75V
Switch Output Voltage .......................................... 100V
Feedback Pin Voltage (Transient, 1ms) ................
±15V
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Operating Junction Temperature Range
LT1082M ......................................... – 55
°C to 150°C
LT1082I ........................................... – 40
°C to 125°C
LT1082C ............................................... 0
°C to 100°C
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
Measured at Feedback Pin
1.224 1.244
1.264
V
VC = 0.8V
q
1.214 1.244
1.274
V
IB
Feedback Input Current
VFB = VREF
350
750
nA
q
1100
nA
gm
Error Amplifier
∆IC = ±25µA
3000
4400
6000
µmho
Transconductance
q
2400
7000
µmho
Error Amplifier Source or
VC = 1.5V
150
200
400
µA
Sink Current
q
120
400
µA
Error Amplifier Clamp
Hi Clamp, VFB = 1V
1.8
2.3
V
Voltage
Lo Clamp, VFB = 1.5V
0.12
0.22
0.36
V
Reference Voltage Line Regulation
3V
≤ VIN ≤ VMAX, VC = 0.8V
q
0.03
%/V
AV
Error Amplifier Voltage Gain
0.9V
≤ VC ≤ 1.4V
350
650
V/V
Minimum Input Voltage
q
2.6
3.0
V
VIN = 15V, VC = 0.5V, VFB = VREF, output pin open, unless otherwise specified.
1
2
3
4
8
7
6
5
TOP VIEW
GND
VC
FB
NC
E2
VSW
E1
VIN
N8 PACKAGE
8-LEAD PLASTIC DIP
J8 PACKAGE
8-LEAD CERAMIC DIP
Q PACKAGE
5-LEAD DD
VIN
VSW
GND
FB
VC
FRONT VIEW
5
4
3
2
1
T PACKAGE
5-LEAD TO-220
VIN
VSW
GND
FB
VC
FRONT VIEW
5
4
3
2
1
TJMAX = 150°C, θJA = 100°C/W (MJ8)
TJMAX = 100°C, θJA = 90°C/W (CN8)
TJMAX = 125°C, θJA = 90°C/W (IN8)
TJMAX = 100°C, θJA = 40°C/ W (CQ)
TJMAX = 125°C, θJA = 40°C/ W (IQ)
NOTE:
θJA VARIES FROM 25°C/W TO 50°C/W
DEPENDING ON BOARD COMPOSITION.
TJMAX = 100°C, θJA = 75°C/ W, θJC = 8°C/ W (CT)
TJMAX = 125°C, θJA = 75°C/ W, θJC = 8°C/ W (IT)
PACKAGE/ORDER I FOR ATIO
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
LT1082MJ8
LT1082CN8
LT1082IN8
LT1082CQ
LT1082IQ
LT1082CT
LT1082IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com