Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75112FGF Datasheet(PDF) 49 Page - NEC

Part # UPD75112FGF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75112FGF Datasheet(HTML) 49 Page - NEC

Back Button UPD75112FGF Datasheet HTML 45Page - NEC UPD75112FGF Datasheet HTML 46Page - NEC UPD75112FGF Datasheet HTML 47Page - NEC UPD75112FGF Datasheet HTML 48Page - NEC UPD75112FGF Datasheet HTML 49Page - NEC UPD75112FGF Datasheet HTML 50Page - NEC UPD75112FGF Datasheet HTML 51Page - NEC UPD75112FGF Datasheet HTML 52Page - NEC UPD75112FGF Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
49
µPD75108F,75112F,75116F
0.95
32
µs
1.91
32
µs
0
1
MHz
0
275
kHz
0.48
µs
1.8
µs
0.8
µs
0.95
µs
3.2
µs
3.8
µs
0.4
µs
tKCY/2 – 50
ns
1.6
µs
tKCY/2 – 150
ns
300
ns
1000
ns
VDD = 4.5 to 5.0 V
VDD = 4.5 to 5.0 V
VDD = 4.5 to 5.0 V
Input
VDD = 4.5 to 5.0 V
Output
Input
Output
Input
VDD = 4.5 to 5.0 V
Output
Input
Output
VDD = 4.5 to 5.0 V
AC CHARACTERISTICS (Ta = –40 to +50
°C, VDD = 2.7 to 5.0 V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
fTI
tTIH,
tTIL
tCY
tKSI
tSIK
tKSO
100
ns
400
ns
TI0, TI1 input
frequency
TI0, TI1 input high/
low-level width
tKCY
SCK cycle time
SCK high/low-level
width
tKH,
tKL
SI setup time
(to SCK
↑)
SI hold time
(from SCK
↑)
SO output delay
time from SCK
↓
INT0 to INT4
High/low-level width
RESET low-level
width
tINTH,
tINTL
tRSL
5
µs
5
µs
CPU clock cycle time*
(Minimum instruction
execution time = 1
machine cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com