Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM319 Datasheet(PDF) 5 Page - Linear Technology

Part # LM319
Description  Dual Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM319 Datasheet(HTML) 5 Page - Linear Technology

  LM319 Datasheet HTML 1Page - Linear Technology LM319 Datasheet HTML 2Page - Linear Technology LM319 Datasheet HTML 3Page - Linear Technology LM319 Datasheet HTML 4Page - Linear Technology LM319 Datasheet HTML 5Page - Linear Technology LM319 Datasheet HTML 6Page - Linear Technology LM319 Datasheet HTML 7Page - Linear Technology LM319 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT119A/LT319A
LM119/LM319
10
5V
1
2
3
4
LT119/319 TA5
1/2 LT319A
OUTPUT
39k
1k
20k
20k
2k
–
+
–
+
1k
100k
10k
INPUT
0V TO 5V
AT CUT
18pF, 100kHz
1000pF
MV1405*
5V
3k
5V
5
7
6
8
9
1/2 LT319A
1/2 LT319A
TYPICAL PERFORMANCE CHARACTERISTICS
Common-Mode Limits
Supply Current
TYPICAL APPLICATIONS
Relay Driver
High Noise Immunity 60Hz Sync Circuit
10
6
5V
7
5
8
9 –
+
LT119/319 TA4
1/2 LT319A
OUTPUT
3.3k
10k
20k
0.15µF
10k
68k
1N4148
60Hz
INPUT
10VP–P
(TYP)
10
6
28V
5V
7
5
8
9
–
+
35V
LT119/319 TA3
INPUTS
1/2 LT319A
Voltage Controlled Crystal Oscillator
With 100PPM Trim Range
0
2
6
8
10
LT119/319 G11
4
12
TEMPERATURE (°C)
– 55 – 35 –15
85 105 125
25
545
65
POSITIVE SUPPLY = 15V
POSITIVE SUPPLY = 5V, V– = 0V
NEGATIVE SUPPLY = –15V
TEMPERATURE (°C)
– 55 – 35 –15
V–
0.4
1.2
–2.0
–1.6
85 105 125
V+
LT119/319 G10
0.8
25
545
65
–1.2
–0.8
–0.4
V+ = 5V, V– = 0V
VS = ±15V
VS = ±15V, V+ = 5V, V
– = 0V
REFERRED TO SUPPLY VOLTAGES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com