Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75236 Datasheet(PDF) 39 Page - NEC

Part # UPD75236
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75236 Datasheet(HTML) 39 Page - NEC

Back Button UPD75236 Datasheet HTML 35Page - NEC UPD75236 Datasheet HTML 36Page - NEC UPD75236 Datasheet HTML 37Page - NEC UPD75236 Datasheet HTML 38Page - NEC UPD75236 Datasheet HTML 39Page - NEC UPD75236 Datasheet HTML 40Page - NEC UPD75236 Datasheet HTML 41Page - NEC UPD75236 Datasheet HTML 42Page - NEC UPD75236 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
39
µPD75236
(4)
Memory bank enable flag (MBE)
This is a 1-bit flag to specify the mode to generate the address information of the most significant 4
bits of the 12 bits of the data memory address.
When this flag is set (1), the data memory address space is expanded and all data memory spaces
become addressible.
When this flag is reset (0), the data memory address space is fixed irrespectively of MBS setting. (See
Fig. 2-1 Data Memory Configuration and Addressing Range in Each Addressing Mode.)
When RESET input is applied, the bit 7 contents at address 0 of the program memory are set and the
MBE is automatically initialized.
In vectored interrupt service, the bit 7 contents of the corresponding vector address table are set and
the MBE status in the interrupt service is automatically set.
Normally, set MBE = 0 for interrupt service and use the static RAM of memory bank 0.
(5)
Register bank enable flag (RBE)
This is a 1-bit flag to determine whether or not the general register bank configuration should be
expanded.
When this flag is set (1), one general register can be selected from register banks 0 to 3 depending on
the register bank select register (RBS) contents.
When this flag is reset (0), register bank 0 is selected as a general register irrespective of the register
bank select register (RBS) contents.
Upon RESET input, the bit 6 contents at address 0 of the program memory are set and the flag is
automatically initialized.
When a vectored interrupt is generated, the bit 6 contents of the corresponding vector address table
are set and the RBE status in interrupt service is automatically set. Normally, set RBE = 0 for interrupt
service. Use register bank 0 for 4-bit operation and register banks 0 and 1 for 8-bit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com