Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75237 Datasheet(PDF) 2 Page - NEC

Part # UPD75237
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75237 Datasheet(HTML) 2 Page - NEC

  UPD75237 Datasheet HTML 1Page - NEC UPD75237 Datasheet HTML 2Page - NEC UPD75237 Datasheet HTML 3Page - NEC UPD75237 Datasheet HTML 4Page - NEC UPD75237 Datasheet HTML 5Page - NEC UPD75237 Datasheet HTML 6Page - NEC UPD75237 Datasheet HTML 7Page - NEC UPD75237 Datasheet HTML 8Page - NEC UPD75237 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 191 page
background image
2
µPD75237
Item
Built-in memory capacity
I/O line
except FIP
dedicated pins
Instruction cycle
Fluorescent display
tube (FIP)
controller/driver
Timer/counter
Interrupt
Mask option
Operating temperature
range
Operating voltage
Package
LIST OF
µPD75237 FUNCTIONS
(
)
Function
ROM:
24448
× 8 bits, RAM:
1024
× 4bits
q
q
Input pin
: 16
64 lines
q
q
Input/output pin : 24
q
q
Output pin
: 24
q
q
0.67
µs/1.33 µs/2.67 µs/10.7 µs(when operated at 6.0 MHz)
q
q
0.95
µs/1.91 µs/3.82 µs/15.3 µs(when operated at 4.19 MHz)
q
q
122
µs (when operated at 32.768 kHz)
q
q
Number of segments : 9 to 24
q
q
Number of digits
: 9 to 16
q
q
Dimmer function
: 8 levels
q
q
Pull-down resistor mask option
q
q
Key scan interrupt generation enabled
q
q
Basic interval timer
: Watchdog timer applicable
q
q
Timer/event counter
5 channels
q
q
Watch timer
: Buzzer output enabled
q
q
Timer/pulse generator : 14-bit PWM output enabled
q
q
Event counter
q
q
SBI/3-wire type
q
q
3-wire type
q
q
Multi-interrupt enabled by hardware
q
q
Both-edge detection
q
q
External interrupt:
3 interrupts
q
q
Detected edge programmable (with noise
remove function)
q
q
Detected edge programmable
q
q
External test input:
1 input
q
q
Rising edge detection
q
q
Timer/pulse generator
q
q
Timer/event counter
q
q
Internal interrupt:
5 interrupts
q
q
Basic interval timer
q
q
Serial interface #0
q
q
Key scan interrupt
q
q
Internal test input:
2 inputs
q
q
Clock timer
q
q
Serial interface #1
q
q
Main system clock
: 6.0 MHz, 4.19 MHz
q
q
Subsystem clock
: 32.768 kHz standard
q
q
High withstand voltage port
: Pull-down resistor or open-drain output
q
q
Ports 4 and 5
: Pull-up resistors
q
q
Port 7
: Pull-down resistor
–40 to +85
°C
2.7 to 6.0 V (standby data hold: 2.0 to 6.0 V)
94-pin plastic QFP (20
× 20 mm)
System clock oscillator
2 channels
Serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com