Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1332 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1332
Description  Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1332 Datasheet(HTML) 1 Page - Linear Technology

  LT1332 Datasheet HTML 1Page - Linear Technology LT1332 Datasheet HTML 2Page - Linear Technology LT1332 Datasheet HTML 3Page - Linear Technology LT1332 Datasheet HTML 4Page - Linear Technology LT1332 Datasheet HTML 5Page - Linear Technology LT1332 Datasheet HTML 6Page - Linear Technology LT1332 Datasheet HTML 7Page - Linear Technology LT1332 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1332
Wide Supply Range
Low Power RS232 Transceiver with
12V VPP Output for Flash Memory
S
FEATURE
s
Generates Full RS232 Signal Levels from 3V Supply
s
12V VPP Output Available for Flash Memory
s
Useful with a Wide Variety of Switching Regulators
s
Low Supply Current: I(VCC) = 1mA
s
Wide Supply Range: 2V
≤ VCC ≤ 6V
s
ESD Protection Over
±10kV
s
Operates to 120k Baud
s
Outputs Assume a High Impedance State When Off
or Powered Down
s
One
µPower Receiver Remains Active While in
SHUTDOWN
s
Flowthrough Architecture Eases PC Board Layout
s
40
µA Supply Current in SHUTDOWN
s
Absolutely No Latch-Up
s
Available in SO and SSOP Packages
S
APPLICATI
s
Notebook and Palmtop Computers
s
Mouse Driver Circuits
DESCRIPTIO
The LT1332 is a 3-driver/5-receiver RS232 transceiver,
designed to be used in conjunction with a switching
regulator. The LT1332 shares the regulator’s positive
output, while charge is capacitively pumped from the
regulator’s switch pin to the negative supply. Schottky
rectifiers built into the LT1332 simplify the charge
pump design.
The LT1332/LT1109A combination shown below gener-
ates fully compliant RS232 signal levels from as little as 2V
of input supply. The switcher can deliver greater than
100mA of output current, making the LT1332 an excellent
choice for mouse driver circuits.
Advanced driver output stages operate up to 120k baud
while driving heavy capacitive loads. New ESD structures
on chip make the LT1332 resilient to multiple
±10kV
strikes, eliminating costly transient suppressors.
A shutdown pin disables the transceiver except for one
receiver which remains active for detecting incoming
RS232 signals. When shut down, the disabled drivers and
receivers assume high impedance output states.
APPLICATI
TYPICAL
LT1332 • TA01
22
µF*
LT1332
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SWITCHER
VIN 2 AA
BATTERIES
UP TO 6V
V–
V+
1
µF
10
µF
C–
12V VPP
OUTPUT
22
µF*
STANDARD FLASH MEMORY VPP GENERATOR
L1**
33
µH
0.1
µF
3V
RS232
VCC
ON/OFF
RS232
ON/OFF
RS232
SIDE
LOGIC
SIDE
NC
+
LT1109A-12
VIN
SW
ON/OFF
SENSE
GND
PGND
SW
*
**
AVX TAJE226K035
SUMIDA CD54-330N (708-956-0666)
MBRS130T3
LT1332 Powered from an LT1109A Micropower Switching Regulator
Configured for Flash Memory
Output Waveforms
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
RECEIVER
OUTPUT
CL = 50pF
LT1332 • TA02
DRIVER
INPUT


Similar Part No. - LT1332

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1332 LINER-LT1332 Datasheet
837Kb / 8P
Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
LT1332 LINER-LT1332_15 Datasheet
837Kb / 8P
Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
More results

Similar Description - LT1332

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
220Kb / 8P
12V, 30mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
LT1332 LINER-LT1332_15 Datasheet
837Kb / 8P
Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
12V, 60mA Flash Memory Programming Supply
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com