Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1366 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1366
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1366 Datasheet HTML 3Page - Linear Technology LT1366 Datasheet HTML 4Page - Linear Technology LT1366 Datasheet HTML 5Page - Linear Technology LT1366 Datasheet HTML 6Page - Linear Technology LT1366 Datasheet HTML 7Page - Linear Technology LT1366 Datasheet HTML 8Page - Linear Technology LT1366 Datasheet HTML 9Page - Linear Technology LT1366 Datasheet HTML 10Page - Linear Technology LT1366 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1366/LT1367
LT1368/LT1369
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1366/LT1368)
VCM = VCC
q
250
850
µV
VCM = VEE
q
250
850
µV
Input Offset Voltage (LT1367/LT1369)
VCM = VCC
q
250
1150
µV
VCM = VEE
q
250
1000
µV
∆VOS
Input Offset Voltage Shift (LT1366/LT1368)
VCM = VEE to VCC
q
200
525
µV
Input Offset Voltage Match (Channel to Channel)
VCM = VEE, VCC (Notes 3, 4)
q
300
1500
µV
Input Offset Voltage Shift (LT1367/LT1369)
VCM = VEE to VCC
q
200
750
µV
Input Offset Voltage Match (Channel to Channel)
VCM = VEE, VCC (Notes 3, 4)
q
300
2300
µV
VOS TC
Input Offset Voltage Drift
(Note 2)
q
28
µV/°C
IB
Input Bias Current
VCM = VCC
q
0
15
45
nA
VCM = VEE
q
–45
–10
0
nA
∆IB
Input Bias Current Shift
VCM = VEE to VCC
q
25
90
nA
IOS
Input Offset Current
VCM = VCC
q
215
nA
VCM = VEE
q
115
nA
∆IOS
Input Offset Current Shift
VCM = VEE to VCC
q
215
nA
Input Bias Current Match (Channel to Channel)
VCM = VCC (Note 3)
q
02
15
nA
VCM = VEE (Note 3)
q
01
15
nA
AVOL
Large-Signal Voltage Gain
VO = – 14.7V to 14.7V, RL = 10k
q
750
6000
V/mV
VO = – 10V to 10V, RL = 2k
q
500
6000
V/mV
Channel Separation
VO = – 10V to 10V, RL = 2k
q
110
135
dB
CMRR
Common Mode Rejection Ratio (LT1366/LT1368)
VCM = VEE to VCC
q
95
103
dB
CMRR Match (Channel to Channel)
VCM = VEE to VCC (Note 3)
q
89
103
dB
Common Mode Rejection Ratio (LT1367/LT1369)
VCM = VEE to VCC
q
92
103
dB
CMRR Match (Channel to Channel)
VCM = VEE to VCC (Note 3)
q
86
103
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
80
105
dB
PSRR Match (Channel to Channel)
VS = ±5V to ±15V (Note 3)
q
75
100
dB
VOL
Output Voltage Swing LOW
No Load
q
VEE + 0.009 VEE + 0.014
V
ISINK = 0.5mA
q
VEE + 0.045 VEE + 0.080
V
ISINK = 10mA
q
VEE + 0.300 VEE + 0.600
V
VOH
Output Voltage Swing HIGH
No Load
q
VCC – 0.014 VCC – 0.005
V
ISOURCE = 0.5mA
q
VCC – 0.11 VCC – 0.055
V
ISOURCE = 10mA
q
VCC – 0.95 VCC – 0.500
V
ISC
Short-Circuit Current
(Note 1)
q
±30
mA
IS
Supply Current per Amplifier
q
415
575
µA
0
°C < TA < 70°C, VS = ±15V, VCM = 0V, VO = 0V, unless otherwise noted.
Note 2: This parameter is not 100% tested.
Note 3: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1367/LT1369; between the two amplifiers
on the LT1366/LT1368.
Note 4: Input offset voltage match is the difference in offset voltage
between amplifiers measured at both VCM = VEE and VCM = VCC.
The q denotes specifications that apply over the full operating temperature
range.
Note 1: Applies to short circuits to ground for all split supplies and for
single supplies less than 20V. Short circuits to either supply for supplies
greater than 20V total may permanently damage the part. A heat sink may
be required to keep the junction temperature below the absolute maximum
rating when the output is shorted indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com