Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF18GA0G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF18GA0G
Description  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF18GA0G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF18GA0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF18GA0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF18GA0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF18GA0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SF18G
SF18G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1401007
Version: F14
SF11G thru SF18G
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
SF1xG
(Note 1)
A0
Suffix "G"
DO-41
3,000 / Ammo box (52mm taping)
R0
DO-41
5,000 / 13" Paper reel
R1
DO-41
5,000 / 13" Paper reel (Reverse)
B0
DO-41
1,000 / Bulk packing
Note 1: "x" defines voltage from 50V (SF11G) to 600V (SF18G)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
RATINGS AND CHARACTERISTICS CURVES
SF18G A0
A0
SF18G A0G
A0
G
Green compound
0.0
0.5
1.0
1.5
0
255075
100
125
150
175
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM AVERAGE FORWARD
CURRENT DERATING
RESISTIVE OR
INDUCTIVE LOAD
0
5
10
15
20
25
30
35
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
SF17G-SF18G
Pulse Width=300μs
1% Duty Cycle
SF15G-SF16G
SF11G-SF14G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com