Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFAF1002G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFAF1002G
Description  10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAF1002G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFAF1002G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAF1002G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFAF1002G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UL Recognized File # E-326243
High efficiency, low VF.
High current capavility
High reliability
High surge current capability
SFAF1001G
ITO-220AC
50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
SFAF
1001G
SFAF
1002G
SFAF
1003G
SFAF
1004G
SFAF
1005G
SFAF
1006G
SFAF
1007G
SFAF
1008G
Units
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
uA
uA
Trr
nS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Version:F13
SFAF1001G - SFAF1008G
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
ITO-220AC
Features
Low power loss.
For use in low voltage, high frequency inverter,
free wheeling, and polarity protection
application
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
Mechanical Data
Cases: ITO-220AC molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds
Weight: 1.70 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
10
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 10 A
VF
0.975
1.3
1.7
V
4
Operating Temperature Range
- 55 to + 150
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=100 ℃
IR
10
400
Maximum Reverse Recovery Time (Note 2)
35
C0G
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Typical Junction Capacitance (Note 3)
170
140
Typical Thermal Resistance
Ordering Information(example)
Part No.
Package
Packing
Packing code
Packing code
(Green)


Similar Part No. - SFAF1002G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF1002G TSC-SFAF1002G Datasheet
87Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1002G TSC-SFAF1002G Datasheet
273Kb / 2P
Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF1002G TSC-SFAF1002G Datasheet
633Kb / 2P
Isolated 10.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFAF1002G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1001G TSC-SFF1001G_11 Datasheet
186Kb / 2P
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SF1001G TSC-SF1001G_11 Datasheet
195Kb / 2P
10.0AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G_11 Datasheet
209Kb / 2P
10.0AMPS Glass Passivated Super Fast Rectifier
SF1001G TSC-SF1001G_13 Datasheet
399Kb / 3P
10.0AMPS. Glass Passivated Super Fast Rectifiers
SFA1001G TSC-SFA1001G_13 Datasheet
419Kb / 3P
10.0AMPS Glass Passivated Super Fast Rectifier
SFAF1001G TSC-SFAF1001G_13 Datasheet
419Kb / 3P
10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_13 Datasheet
427Kb / 3P
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
SFF1001GA TSC-SFF1001GA Datasheet
420Kb / 3P
10.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFAF501G TSC-SFAF501G_14 Datasheet
390Kb / 4P
Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com