Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1507CS8-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1507CS8-3.3
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507CS8-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LT1507CS8-3.3 Datasheet HTML 1Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 2Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 3Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 4Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 5Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 6Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 7Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 8Page - Linear Technology LT1507CS8-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1507
TYPICAL PERFORMANCE CHARACTERISTICS
Inductor Core Loss for 3.3V Output
INDUCTANCE (
µH)
1
0.001
0.1
0.01
1.0
24
6
8
10
LT1507 • TPC17
TYPE 52 POWDERED IRON
Kool M
µ®
PERMALLOY
µ = 125
Metglas
®
CORE LOSS IS INDEPENDENT OF LOAD CURRENT
UNTIL LOAD CURRENT FALLS LOW ENOUGH
FOR CIRCUIT TO GO INTO DISCONTINUOUS MODE
VOUT = 3.3V
VIN = 5V
IOUT = 1A
Kool M
µ is a registered trademark of Magnetics, Incorporated.
Metglas is a registered trademark of AlliedSignal Incorporated.
BOOST (Pin 1): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal
bipolar NPN power switch. Without this added voltage the
typical switch voltage loss would be about 1.5V. The
additional boost voltage allows the switch to saturate and
voltage loss approximates that of a 0.3
Ω FET structure,
but with a much smaller die area. Efficiency improves from
PIN FUNCTIONS
70% for conventional bipolar designs to greater than 85%
for these new parts.
VIN (Pin 2): Input Pin. The LT1507 is designed to operate
with an input voltage between 4.5V and 15V. Under certain
conditions, input voltage may be reduced down to 4V.
Actual minimum operating voltage will always be higher
than the output voltage. It may be limited by switch
OUTPUT VOLTAGE (%)
0
2.5
2.0
1.5
1.0
0.5
0
80
LT1507 • TPC13
20
40
60
100
MOS LOAD
RESISTOR LOAD
CURRENT
SOURCE LOAD
FOLDBACK
CHARACTERISTICS
*POSSIBLE
UNDESIRED
STABLE POINT
FOR CURRENT
SOURCE LOAD
*SEE "MORE THAN JUST VOLTAGE FEEDBACK"
IN APPLICATIONS INFORMATION SECTION
Current Limit Foldback
INPUT VOLTAGE (V)
4
0
0.25
0.50
0.75
1.00
1.25
1.50
6
8
10
12
LT1507 • TPC14
14
L = 10
µH
L = 5
µH
L = 3
µH
L = 2
µH
VOUT = 3.3V
Maximum Load Current
at VOUT = 3.3V
INPUT VOLTAGE (V)
0
0
0.25
0.50
0.75
1.00
1.25
1.50
369
12
LT1507 • TPC15
15
L = 10
µH
L = 5
µH
L = 20
µH
Maximum Load Current
at VOUT = 5V
Boost Pin Current
SWITCH CURRENT (A)
0
12
10
8
6
4
2
0
0.25
0.50
0.75
1.00
LT1507 • TPC16
1.25
TJ = 25°C
Switch Voltage Drop
SWITCH CURRENT (A)
0
0.8
0.6
0.4
0.2
0
0.25
0.50
0.75
1.00
LT1507 • TPC18
1.25
1.50
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com