Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1638CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1638CS8
Description  1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1638CS8 Datasheet HTML 1Page - Linear Technology LT1638CS8 Datasheet HTML 2Page - Linear Technology LT1638CS8 Datasheet HTML 3Page - Linear Technology LT1638CS8 Datasheet HTML 4Page - Linear Technology LT1638CS8 Datasheet HTML 5Page - Linear Technology LT1638CS8 Datasheet HTML 6Page - Linear Technology LT1638CS8 Datasheet HTML 7Page - Linear Technology LT1638CS8 Datasheet HTML 8Page - Linear Technology LT1638CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1638/LT1639
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, VOUT = 0V, TA = 25°C, unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT1638 N, S Packages
250
800
µV
0
°C ≤ TA ≤ 70°C
q
1000
µV
–40
°C ≤ TA ≤ 85°C
q
1100
µV
LT1639 N, S Packages
350
900
µV
0
°C ≤ TA ≤ 70°C
q
1100
µV
–40
°C ≤ TA ≤ 85°C
q
1200
µV
LT1638C MS8 Package
400
1050
µV
0
°C ≤ TA ≤ 70°C
q
1250
µV
–40
°C ≤ TA ≤ 85°C
q
1350
µV
Input Offset Voltage Drift
LT1638/LT1639 N, S Packages
q
26
µV/°C
(Note 7)
LT1638CMS8
q
2.5
7
µV/°C
IOS
Input Offset Current
q
16
nA
IB
Input Bias Current
q
20
50
nA
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 1kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.3
pA/
√Hz
RIN
Input Resistance
Differential
1
2.5
M
Ω
Common Mode, VCM = – 15V to 14V
500
M
Ω
CIN
Input Capacitance
4.5
pF
Input Voltage Range
q
–15
29
V
CMRR
Common Mode Rejection Ratio
VCM = –15V to 29V
q
80
88
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
200
500
V/mV
0
°C ≤ TA ≤ 70°C
q
125
V/mV
–40
°C ≤ TA ≤ 85°C
q
100
V/mV
VOL
Output Voltage Swing
No Load
q
14.9
14.95
V
IOUT = ±10mA
q
13.7
14.0
V
ISC
Short-Circuit Current (Note 2)
Short to GND
25
40
mA
0
°C ≤ TA ≤ 70°C
q
20
mA
–40
°C ≤ TA ≤ 85°C
q
15
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±22V
q
90
100
dB
IS
Supply Current per Amplifier
205
280
µA
q
350
µA
GBW
Gain Bandwidth Product
f = 1kHz
750
1200
kHz
0
°C ≤ TA ≤ 70°C
q
650
kHz
–40
°C ≤ TA ≤ 85°C
q
600
kHz
SR
Slew Rate
AV = – 1, RL = ∞, VO = ±10V,
0.225
0.4
V/
µs
0
°C ≤ TA ≤ 70°C
q
0.2
V/
µs
–40
°C ≤ TA ≤ 85°C
q
0.18
V/
µs
The q denotes specifications which apply over the full specified
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage
and how many amplifiers are shorted.
Note 3: The LT1638C/LT1639C are guaranteed to meet 0
°C to 70°C
specifications and are designed, characterized and expected to meet
the extended temperature limits, but are not tested at – 40
°C and 85°C.
The LT1638I/LT1639I are guaranteed to meet the extended
temperature limits.
Note 4: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V tests.
Note 5: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V tests.
Note 6: Guaranteed by correlation to slew rate at VS = ±15V and GBW
at VS = 3V and VS = ±15V tests.
Note 7: This parameter is not 100% tested.
Note 8: The spec implies a typical offset voltage at VCM = 44 of 2mV and
a maximum offset voltage at VCM = 44 of 5mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com