Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1882 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1882
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1882 Datasheet(HTML) 3 Page - Linear Technology

  LT1882 Datasheet HTML 1Page - Linear Technology LT1882 Datasheet HTML 2Page - Linear Technology LT1882 Datasheet HTML 3Page - Linear Technology LT1882 Datasheet HTML 4Page - Linear Technology LT1882 Datasheet HTML 5Page - Linear Technology LT1882 Datasheet HTML 6Page - Linear Technology LT1882 Datasheet HTML 7Page - Linear Technology LT1882 Datasheet HTML 8Page - Linear Technology LT1882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1881/LT1882
3
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Single supply operation VEE = 0, VCC = 5V; VCM = VCC/2 unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current (LT1881A)
100
200
pA
0
°C < TA < 70°C
q
250
pA
–40
°C < TA < 85°C
q
300
pA
Input Bias Current (LT1881/LT1882)
150
500
pA
0
°C < TA < 70°C
q
600
pA
–40
°C < TA < 85°C
q
700
pA
Input Noise Voltage
0.1Hz to 10Hz
0.5
µVP-P
en
Input Noise Voltage Density
f = 1kHz
14
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.03
pA/
√Hz
VCM
Input Voltage Range
VEE + 1.0
VCC – 1.0
V
q
VEE + 1.2
VCC – 1.2
V
CMRR
Common Mode Rejection Ratio
1V < VCM < 4V
106
128
dB
1.2V < VCM < 3.8V
q
104
dB
PSRR
Power Supply Rejection Ratio
VEE = 0, VCM = 1.5V; 2.7V < VCC < 32V
q
106
132
dB
Minimum Operating Supply Voltage
q
2.4
2.7
V
AVOL
Large-Signal Voltage Gain
RL = 10k; 1V < VOUT < 4V
500
1600
V/mV
q
350
V/mV
RL = 2k; 1V < VOUT < 4V
300
800
V/mV
q
250
V/mV
RL = 1k; 1V < VOUT < 4V
250
400
V/mV
q
200
V/mV
VOL
Output Voltage Swing Low
No Load
q
20
40
mV
ISINK = 100µA
q
25
50
mV
ISINK = 1mA
q
70
150
mV
ISINK = 5mA
q
270
600
mV
VOH
Output Voltage Swing High
No Load
q
120
220
mV
(Referred to VCC)ISOURCE = 100µA
q
130
230
mV
ISOURCE = 1mA
q
180
300
mV
ISOURCE = 5mA
q
360
600
mV
IS
Supply Current Per Amplifier
VCC = 3V
0.45
0.65
0.85
mA
q
1.2
mA
VCC = 5V
0.5
0.65
0.9
mA
q
1.4
mA
VCC = 12V
0.5
0.70
1.0
mA
q
1.5
mA
ISC
Short-Circuit Current
VOUT Short to GND
q
15
30
mA
VOUT Short to VCC
q
15
30
mA
GBW
Gain-Bandwidth Product
f = 20kHz
0.5
1.0
MHz
tS
Settling Time
0.01%, VOUT = 1.5V to 3.5V,
30
µs
AV = –1, RL = 2k
SR +
Slew Rate Positive
AV = – 1
0.15
0.35
V/
µs
q
0.12
V/
µs
SR –
Slew Rate Negative
AV = – 1
0.11
0.18
V/
µs
q
0.08
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com