Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RS3AB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # RS3AB
Description  3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS3AB Datasheet(HTML) 2 Page - Diodes Incorporated

  RS3AB_15 Datasheet HTML 1Page - Diodes Incorporated RS3AB_15 Datasheet HTML 2Page - Diodes Incorporated RS3AB_15 Datasheet HTML 3Page - Diodes Incorporated RS3AB_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS3A/B - RS3M/B
Document number: DS15005 Rev. 11 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
RS3A/B - RS3M/B
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
RS3
A/AB
RS3
B/BB
RS3
D/DB
RS3
G/GB
RS3
J/JB
RS3
K/KB
RS3
M/MB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 4)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 75°CIO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Terminal (Note 5)
SMB
SMC
RθJT
25
11
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
RS3
A/AB
RS3
B/BB
RS3
D/DB
RS3
G/GB
RS3
J/JB
RS3
K/KB
RS3
M/MB
Unit
Forward Voltage
@ IF = 3.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4
@ TA = 125°C
IRM
5.0
250
μA
Maximum Recovery Time (Note 6)
trr
150
250
500
ns
Typical Total Capacitance (Note 7)
CT
50
pF
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm
2 (0.013 mm thick) copper pads as heat sink.
6. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
7. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
0
0.5
1.0
25
50
75
100
125
150
175
T , TERMINAL TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
T
1.5
2.0
2.5
3.0
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25°C
j



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com