Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75512GF Datasheet(PDF) 49 Page - NEC

Part # UPD75512GF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75512GF Datasheet(HTML) 49 Page - NEC

Back Button UPD75512GF Datasheet HTML 45Page - NEC UPD75512GF Datasheet HTML 46Page - NEC UPD75512GF Datasheet HTML 47Page - NEC UPD75512GF Datasheet HTML 48Page - NEC UPD75512GF Datasheet HTML 49Page - NEC UPD75512GF Datasheet HTML 50Page - NEC UPD75512GF Datasheet HTML 51Page - NEC UPD75512GF Datasheet HTML 52Page - NEC UPD75512GF Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
µPD75512(A)
49
AC CHARACTERISTICS (Ta = -40 to +85
°C, VDD = 2.7 to 6.0 V)
(1)
Basic Operation
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
tCY
w/main system clock
VDD = 4.5 to 6.0 V
0.95
64
µs
3.8
64
µs
w/sub-system clock
114
122
125
µs
TI0 Input Frequency
fTI
VDD = 4.5 to 6.0 V
0
1
MHz
0
275
kHz
TI0 Input High-,
tTIH,VDD = 4.5 to 6.0 V
0.48
µs
Low-Level Widths
tTIL
1.8
µs
Interrupt Input High-,
tINTH,
INT0
*2
µs
Low-Level Widths
tINTL
INT1, 2, 4
10
µs
KR0-7
10
µs
RESET Low-Level Width
tRSL
10
µs
*1: The CPU clock (
Φ) cycle time is
determined by the oscillation frequency
of the connected oscillator, system clock
control register (SCC), and processor
clock control register (PCC). The figure
on the right is cycle time tCY vs. supply
voltage VDD characteristics at the main
system clock.
2: 2tCY or 128/fX depending on the setting
of the interrupt mode register (IM0).
012
3
4
5
6
0.5
1
2
3
4
5
6
60
Supply voltage VDD [V]
tCY vs VDD
(with main system clock)
64
70
Guaranteed operating range
CPU Clock Cycle Time*1
(Minimum Instruction
Execution Time
= 1 Machine Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com