Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1093AC Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1093AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1093AC Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1093AC Datasheet HTML 23Page - Linear Technology LTC1093AC Datasheet HTML 24Page - Linear Technology LTC1093AC Datasheet HTML 25Page - Linear Technology LTC1093AC Datasheet HTML 26Page - Linear Technology LTC1093AC Datasheet HTML 27Page - Linear Technology LTC1093AC Datasheet HTML 28Page - Linear Technology LTC1093AC Datasheet HTML 29Page - Linear Technology LTC1093AC Datasheet HTML 30Page - Linear Technology LTC1093AC Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC1091/LTC1092
LTC1093/LTC1094
TO
MCU
10
µF
VOUT
1091 TA05
3
Ω
CS
+
–
GND
VCC
SCLK
DOUT
VREF
LTC1092
LM134 OR OTHER
1
µA/°K SENSOR
5V
4.7
µF
9V
11.5k
226
Ω
LT1019-2.5
–55
°C to 125°C Thermometer Using
Current Output Silicon Sensors
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF+
REF–
AGND
V –
–
+
LT1006
1491
Ω
1091-4 TA04
10k
±10%
15k
±10%
5V 4.7
µF
LTC1094
2N3904
TO
MCU
4562
Ω
2954
Ω
5000
Ω
*YSI 44007, 44034 OR EQUIVALENT
5k AT
25
°C
20
°C TO
–40
°C
*
0
°C TO
100
°C
YSI 44201
YSI 44201
0
°C to 100°C 0.25°C Accurate Thermistor Based
Temperature Measurement System
S
APPLICATI
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com