Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1153 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1153 Datasheet HTML 8Page - Linear Technology LTC1153 Datasheet HTML 9Page - Linear Technology LTC1153 Datasheet HTML 10Page - Linear Technology LTC1153 Datasheet HTML 11Page - Linear Technology LTC1153 Datasheet HTML 12Page - Linear Technology LTC1153 Datasheet HTML 13Page - Linear Technology LTC1153 Datasheet HTML 14Page - Linear Technology LTC1153 Datasheet HTML 15Page - Linear Technology LTC1153 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1153
“4 Cell-to-5V” Regulator with 2A Current Limit, Auto-Reset,
Ramped Turn-On and 10
µA Standby Current
S
APPLICATI
TYPICAL
12V Step-Up Regulator with Soft Start, Auto-Reset Circuit Breaker (Pre-Regulator),
Status Feedback and 10
µA Standby Current
12V Step-Up Regulator with 1A Circuit Breaker (Post Regulator), Breaker Status
Feedback and Ramped Output
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
LTC1153 • TA11
51k
ON/OFF
STATUS
1N4148
100k
100k
0.22
µF
+
100
µF
4-CELL
BATTERY
PACK
200pF
10k
8
LT1431
7
3
4
1
5
6
0.05
Ω
IRLR024
5V/1A
+
470
µF
ESR < 0.5
Ω
+
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
Z5U
5V
LTC1153 • TA12
51k
0.22
µF
+
470
µF
47
µF
ON/OFF
STATUS
+
100k
1N4148
IRLZ24
1N4148
100k
100k
0.22
µF
+
330
µF
12V/1A
20
Ω
150
µF
+
VIN
VSW
FB
GND
VC
LT1070
1k
1
µF
1
3
5
4
2
50
µH
10.72k
1%
1.24k
1%
1N5820
0.02
Ω
IN
CT
STATUS
GND
VS
DS
G
SD
LTC1153
0.47
µF
Z5U
5V
LTC1153 • TA13
51k
0.1
µF
ON/OFF
STATUS
1N4148
100k
100k
0.22
µF
+
330
µF
0.1
Ω
+
VIN
VSW
FB
GND
VC
LT1070
1k
1
µF
1
3
5
4
2
50
µH
10.72k
1%
1.24k
1%
1N5820
10k
1N4148
IRF530
12V/1A
47
µF
16V
12V
+
150
µF
(12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com