Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1163 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1163
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1163 Datasheet(HTML) 6 Page - Linear Technology

  LTC1163 Datasheet HTML 1Page - Linear Technology LTC1163 Datasheet HTML 2Page - Linear Technology LTC1163 Datasheet HTML 3Page - Linear Technology LTC1163 Datasheet HTML 4Page - Linear Technology LTC1163 Datasheet HTML 5Page - Linear Technology LTC1163 Datasheet HTML 6Page - Linear Technology LTC1163 Datasheet HTML 7Page - Linear Technology LTC1163 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1163/LTC1165
APPLICATIO S I FOR ATIO
Figure 1. Powering a Large Capacitive Load
on a 3.3V supply which is compatible with 5V TTL and
CMOS logic. (The LTC1163/LTC1165 cannot however, be
driven by 3V logic when powered from a 5V supply
because the threshold is approximately 2.5V.)
TYPICAL APPLICATIO S
PCMCIA Card 3.3V/5V VCC Switch
VS
LTC1165
OUT1
OUT2
OUT3
GND
IN1
IN2
IN3
VCC 5V
VCC 3V
PCMCIA
CONTROLLER
+
10
µF
5V
PC
CARD
SOCKET
MMDF3N02HD
+
1
µF
1/2 MMDF3N02HD
VCC
3.3V
LTC1163/65 • TA03
NOTE: USE LTC1163 WITH NONINVERTING PCMCIA CONTROLLERS
managed by the system regulator. R2 is required to
eliminate the possibility of parasitic MOSFET oscillations
during switch transitions. It is a good practice to isolate the
gates of paralleled MOSFETs with 1k resistors to decrease
the possibility of interaction between switches.
Mixed 5V/3V Systems
Because the input ESD protection diodes are referenced to
ground instead of the supply pin, it is possible to drive the
LTC1163/LTC1165 inputs from 5V CMOS or TTL logic
even though the LTC1163/LTC1165 are powered from a
3.3V supply as shown in Figure 2. The input threshold
voltage is approximately 50% of the supply voltage or 1.6V
Reverse Battery Protection
The LTC1163/LTC1165 can be protected against reverse
battery conditions by connecting a 150
Ω resistor in series
with the ground pin or supply pin. The resistor limits the
supply current to less than 24mA with –3.6V applied.
Because the LTC1163/LTC1165 draw very little current
while in normal operation, the drop across the resistor is
minimal. The 3.3V
µP(orcontrollogic)canbeprotectedby
adding 10k resistors in series with the input pins.
Figure 2. Direct Interface to 5V Logic
VS
1/3 LTC1163
OUT1
GND
IN1
ON/OFF
R1
100k
R2
1k
C1
0.1
µF
3.3V
LOAD
+
CL
100
µF
VIN
LT1129-3.3
3.3
µF
+
MTD3055EL
3.3V
LTC1163/65 • F01
VS
1/3 LTC1163
OUT1
GND
IN1
3.3V
LOAD
3.3V
MTD3055EL
LTC1163/65 • F01
5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com