Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1148CS-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1148CS-3.3
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148CS-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LTC1148CS-3.3 Datasheet HTML 1Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 2Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 3Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 4Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 5Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 6Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 7Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 8Page - Linear Technology LTC1148CS-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1148
LTC1148-3.3/LTC1148-5
TA = 25°C, VIN = 10V, VSHUTDOWN = 0V, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V8 – V7
Current Sense Threshold Voltage
LTC1148, LTC1148HV, LTC1148L
VSENSE
– = 5V, V9 = VOUT/4 + 25mV (Forced)
25
mV
VSENSE
– = 5V, V9 = VOUT/4 – 25mV (Forced)
q
130
150
170
mV
LTC1148-3.3, LTC1148HV-3.3
VSENSE
– = VOUT + 100mV (Forced)
25
mV
LTC1148L-3.3
VSENSE– = VOUT – 100mV (Forced)
q
130
150
170
mV
LTC1148-5, LTC1148HV-5
VSENSE– = VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
q
130
150
170
mV
V10
Shutdown Pin Threshold
0.5
0.8
2
V
I10
Shutdown Pin Input Current
0V < VSHUTDOWN < 8V, VIN = 16V
1.2
5
µA
I4
CT Pin Discharge Current
VOUT in Regulation, VSENSE– = VOUT
50
70
90
µA
VOUT = 0V
2
10
µA
tOFF
Off Time (Note 5)
CT = 390pF, ILOAD = 700mA
4
5
6
µs
tR, tF
Driver Output Transition Times
CL = 3000pF (Pins 1, 14), VIN = 6V
100
200
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V9
Feedback Voltage (LTC1148, LTC1148HV
VIN = 9V
1.20
1.25
1.30
V
LTC1148L)
∆VOUT
Regulated Output Voltage
VIN = 9V
LTC1148-3.3, LTC1148HV-3.3, LTC1148L-3.3
ILOAD = 700mA
3.17
3.33
3.43
V
LTC1148-5, LTC1148HV-5
ILOAD = 700mA
4.85
5.05
5.20
V
IQ
Input DC Supply Current (Note 3)
(Note 7)
LTC1148 Series
Normal Mode
4V < VIN < 12V
1.6
2.4
mA
Sleep Mode
4V < VIN < 12V
160
260
µA
Sleep Mode
6V < VIN < 12V
160
260
µA
Shutdown
VSHUTDOWN = 2.1V, 4V < VIN < 12V
10
22
µA
LTC1148HV Series
Normal Mode
4V < VIN < 18V
1.6
2.6
mA
Sleep Mode
4V < VIN < 18V
160
280
µA
Sleep Mode
6V < VIN < 18V
160
280
µA
Shutdown
VSHUTDOWN = 2.1V, 4V < VIN < 18V
10
24
µA
LTC1148L Series
Normal Mode
3.5V < VIN < 12V
1.6
2.4
mA
Sleep Mode
3.5V < VIN < 12V
160
260
µA
Shutdown
VSHUTDOWN = 2.1V, 3.5V < VIN < 12V
10
22
µA
V8 – V7
Current Sense Threshold Voltage
LTC1148, LTC1148HV, LTC1148L (Note 4)
VSENSE
– = 5V, V9 = VOUT/4 – 25mV (Forced)
25
mV
VSENSE
– = 5V, V9 = VOUT/4 + 25mV (Forced)
125
150
175
mV
LTC1148-3.3, LTC1148HV-3.3, LTC1148L-3.3 VSENSE
– = VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
125
150
175
mV
LTC1148-5, LTC1148HV-5
VSENSE– = VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
125
150
175
mV
V10
Shutdown Pin Threshold
0.55
0.8
2
V
tOFF
Off Time (Note 5)
CT = 390pF, ILOAD = 700mA
3.8
5
6
µs
–40
°C ≤ TA ≤ 85°C (Note 5), VIN = 10V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com