Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1159CS-5 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1159CS-5
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS-5 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1159CS-5 Datasheet HTML 12Page - Linear Technology LTC1159CS-5 Datasheet HTML 13Page - Linear Technology LTC1159CS-5 Datasheet HTML 14Page - Linear Technology LTC1159CS-5 Datasheet HTML 15Page - Linear Technology LTC1159CS-5 Datasheet HTML 16Page - Linear Technology LTC1159CS-5 Datasheet HTML 17Page - Linear Technology LTC1159CS-5 Datasheet HTML 18Page - Linear Technology LTC1159CS-5 Datasheet HTML 19Page - Linear Technology LTC1159CS-5 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1159/LTC1159-3.3/LTC1159-5
TYPICAL APPLICATIO S
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
P-GATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
EXTVCC
N-GATE
P-GND
S-GND
SENSE+
100
Ω
100
Ω
0.15
µF
VFB
(SHDN1)
+
LTC1159
0.1
µF
1N4148
MBRS140
200pF
10.5k
90.5k
Q4
2N7002
150
µF
16V
× 2
OS-CON
1k
6800pF
5.1V
1N5993
1N5818
CT
390pF
RSENSE**
0.05
Ω
1000pF
Q1
Si9435
Q2
Si9410
VIN 12V
+30% –10%
0.1
µF
330
µF
35V
NICHICON
L*
100
µH
OUTPUT
–12V/1A
20k
510k
Q3
TP0610L
SHUTDOWN
5V OR 3.3V
3.3
µF
+
DALE TJ4-100-1
µ
IRC LR2512-01-R050-J
*
**
Figure 15. High Efficiency 12V to –12V 1A Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com