| Electronic Components Datasheet Search |
|
LTC1290CCSW Datasheet(PDF) 17 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1290CCSW Datasheet(HTML) 17 Page - Linear Technology |
|
17 / 28 page ![]() 17 LTC1290 S APPLICATI I FOR ATIO 8051 Code MNEMONIC COMMENTS MOV P1,#02H Bit 1 Port 1 Set as Input CLR P1.3 SCLK Goes Low SETB P1.4 CS Goes High CONT MOV A,#0EH DIN Word for LTC1290 CLR P1.4 CS Goes Low MOV R4,#08H Load Counter NOP Delay for Deglitcher LOOP MOV C,P1.1 Read Data Bit Into Carry RLC A Rotate Data Bit Into ACC MOV P1.2,C Output DIN Bit to LTC1290 SETB P1.3 SCLK Goes High CLR P1.3 SCLK Goes Low DJNZ R4,LOOP Next Bit MOV R2,A Store MSBs in R2 MOV C,P1.1 Read Data Bit Into Carry CLR A Clear ACC RLC A Rotate Data Bit Into ACC SETB P1.3 SCLK Goes High CLR P1.3 SCLK Goes Low MOV C,P1.1 Read Data Bit Into Carry RLC A Rotate Data Bit Into ACC SETB P1.3 SCLK Goes High CLR P1.3 SCLK Goes Low MOV C,P1.1 Read Data Bit Into Carry RLC A Rotate Data Bit Into ACC SETB P1.3 SCLK Goes High CLR P1.3 SCLK Goes Low MOV C, P1.1 Read Data Bit Into Carry RRC A Rotate Right Into ACC RRC A Rotate Right Into ACC RRC A Rotate Right Into ACC RRC A Rotate Right Into ACC MOV R3,A Store LSBs in R3 SETB P1.3 SCLK Goes High CLR P1.3 SCLK Goes Low SETB P1.4 CS Goes High MOV R5,#0BH Load Counter DELAY DJNZ R5,DELAY Go to Delay if Not Done 8 CHANNELS 8 CHANNELS 8 CHANNELS 3 3 3 3 3-WIRE SERIAL INTERFACE TO OTHER PERIPHERALS OR LTC1290s 2 10 OUTPUT PORT SERIAL DATA MPU LTC1290 F05 LTC1290 CS LTC1290 CS LTC1290 CS Sharing the Serial Interface The LTC1290 can share the same 3-wire serial interface with other perpheral components or other LTC1290s (see Figure 5). In this case, the CS signals decide which LTC1290 is being addressed by the MPU. ANALOG CONSIDERATIONS 1. Grounding The LTC1290 should be used with an analog ground plane and single point grounding techniques. AGND (Pin 11) should be tied directly to this ground plane. DGND (Pin 10) can also be tied directly to this ground plane because minimal digital noise is generated within the chip itself. VCC (Pin 20) should be bypassed to the ground plane with a 22 µF tantalum with leads as short as possible. V– (Pin 12) should be bypassed with a 0.1 µF ceramic disk. For single supply applications, V – can be tied to the ground plane. It is also recommended that REF – (Pin 13) and COM (Pin 9) be tied directly to the ground plane. All analog inputs should be referenced directly to the single point ground. Digital inputs and outputs should be shielded from and/or routed away from the reference and analog circuitry. Figure 5. Several LTC1290s Sharing One 3-Wire Serial Interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |