Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P068CU Datasheet(PDF) 21 Page - NEC

Part # UPD75P068CU
Description  4 BIT SINGLE-CHIP MICROCOMPUTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P068CU Datasheet(HTML) 21 Page - NEC

Back Button UPD75P068CU Datasheet HTML 17Page - NEC UPD75P068CU Datasheet HTML 18Page - NEC UPD75P068CU Datasheet HTML 19Page - NEC UPD75P068CU Datasheet HTML 20Page - NEC UPD75P068CU Datasheet HTML 21Page - NEC UPD75P068CU Datasheet HTML 22Page - NEC UPD75P068CU Datasheet HTML 23Page - NEC UPD75P068CU Datasheet HTML 24Page - NEC UPD75P068CU Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
µPD75P068
tKCY3
tKL3
tKH3
tSIK3
tKSI3
tKSO3
tKSB
tSBK
tSBL
tSBH
SBI mode (SCK ... Internal clock output (master)):
SBI mode (SCK ... External clock input (slave)):
Note RL and CL are the resistance and capacitance of the SB0/SB1 output line load respectively.
250
1000
1600
3800
tKCY3/2 - 50
tKCY3/2 - 150
150
tKCY3/2
0
0
tKCY3
tKCY3
tKCY3
tKCY3
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
RL = 1 k
Ω,
CL = 100 pFNote
Conditions
Parameter
Min.
Typ.
Max.
Unit
SCK cycle time
SCK high/low level
width
SB0/SB1 setup time
(referred to SCK
↑)
SB0/SB1 hold time
(referred to SCK
↑)
Delay time from SCK
↓
to SB0/SB1 output
From SCK
↑ to SB0/SB1↓
From SB0/SB1
↓ to SCK
SB0/SB1 low level width
SB0/SB1 high level
width
Symbol
Parameter
tKCY4
tKL4
tKH4
tSIK4
tKSI4
tKSO4
tKSB
tSBK
tSBL
tSBH
300
1000
Min.
Unit
Max.
Typ.
Conditions
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
RL = 1 k
Ω,
CL = 100 pFNote
VDD = 4.5 to 6.0 V
800
3200
400
1600
100
tKCY4/2
0
0
tKCY4
tKCY4
tKCY4
tKCY4
SCK cycle time
SCK high/low level
width
SB0/SB1 setup time
(referred to SCK
↑)
SB0/SB1 hold time
(referred to SCK
↑)
Delay time from SCK
↓
to SB0/SB1 output
From SCK
↑ to SB0/SB1↓
From SB0/SB1
↓ to
SCK
↓
SB0/SB1 low level width
SB0/SB1 high level
width
Symbol
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com