Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESDF5V0A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TESDF5V0A
Description  Bi-directional ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDF5V0A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TESDF5V0A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDF5V0A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGEST PAD LAYOUT
Z
X
Y
C
E
Note: 1. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts
may vary depending on application.
Document Number: DS_S1501018
Version: C15
1.0
0.039
0.7
0.028
0.9
0.035
1.9
0.075
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
2.8
0.110
DIM.
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.10 REF
0.004 REF
TESDF5V0A
Taiwan Semiconductor
Small Signal Product
ORDER INFORMATION (EXAMPLE)
SOT-23
TESDF5V0A RFG
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com