Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1404C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1404C
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1404C Datasheet HTML 13Page - Linear Technology LTC1404C Datasheet HTML 14Page - Linear Technology LTC1404C Datasheet HTML 15Page - Linear Technology LTC1404C Datasheet HTML 16Page - Linear Technology LTC1404C Datasheet HTML 17Page - Linear Technology LTC1404C Datasheet HTML 18Page - Linear Technology LTC1404C Datasheet HTML 19Page - Linear Technology LTC1404C Datasheet HTML 20Page - Linear Technology LTC1404C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1404
Figure 14. CLK to DOUT Delay
APPLICATIONS INFORMATION
CLK
CONV
INTERNAL
S/H STATUS
DOUT
t7
t3
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
t2
t6
t4
t5
t8
tACQ
SAMPLE
SAMPLE
HOLD
HOLD
REFRDY BIT + 12-BIT DATA WORD
Hi-Z
Hi-Z
tCONV
tSAMPLE
1404 F13
REFRDY
D11
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D10
REFRDY
Figure 13. ADC Digital Timing Diagram
t10
t8
VIH
VOH
VOL
DOUT
CLK
t9
VIH
90%
10%
DOUT
CLK
1404 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com