Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1443CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1443CS
Description  Ultralow Power Quad Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1443CS Datasheet HTML 4Page - Linear Technology LTC1443CS Datasheet HTML 5Page - Linear Technology LTC1443CS Datasheet HTML 6Page - Linear Technology LTC1443CS Datasheet HTML 7Page - Linear Technology LTC1443CS Datasheet HTML 8Page - Linear Technology LTC1443CS Datasheet HTML 9Page - Linear Technology LTC1443CS Datasheet HTML 10Page - Linear Technology LTC1443CS Datasheet HTML 11Page - Linear Technology LTC1443CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1443/LTC1444/LTC1445
144345fa LT/TP 0100 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1995
PART NUMBER
DESCRIPTION
COMMENTS
LT
® 1034
Micropower Dual Reference
1.2V or 2.5V with 7V Auxiliary Reference
LT1179
Quad Micropower Single Supply Precision Op Amp
17
µA Max per Amplifier
LTC1285/LTC1288
3V Micropower Sampling 12-Bit ADCs
SO-8 Package, Auto Shutdown to 1nA
LT1389
Nanopower Precision Shunt Reference
800nA Operating Current, 0.05% Accuracy
LTC1440/LTC1441/LTC1442
Ultralow Power Single/Dual Comparator with Reference
2.8
µA Typical Quiescent Current
LT1495
Dual Precision Rail-to-Rail Input and Output Op Amp
1.5
µA Max per Amplifier
LT1521
300mA Low Dropout Regulator
12
µA Quiescent Current
LT1634
Micropower Precision Shunt Reference
10
µA Operating Current, 0.05% Accuracy
RELATED PARTS
Single Cell to 5V Supply
NC
NC
3
6
7
5
4
11
10
3
1
4
6
2, 4
16
15
13
12
LTC1443/44/45 • F06
7
5
1
2
3
14
8REF
9V –
C2, C3: AUX TPSD107M010R0100 OR
SANYO OS-CON 16SA100M
R5
51k
5%
2
81
C2
100
µF
C3
100
µF
R8
732k
1%
R9
267k
1%
PWR GND
GND
VIN
SW
L1
10
µH
SUMIDA
CD54-100
D1
1N5817
ILIM
SEL
SENSE
SHDN
LT1300
Q1
MMFT2955ETI
C1
1
µF
R10
3.37M
5%
R11
51k
5%
R12
51k
5%
–
+
C
1/4 LTC1444
–
+
A
1/4 LTC1444
–
+
D
1/4 LTC1444
C4
0.22
µF
VCC
µP
NMI
RESET
R7
51k
5%
R2
82.5k
1%
R1
1.1M
5%
R3
1M
1%
1 CELL
LITHIUM-
ION
BATTERY
R4
2.4M
5%
R6
430
Ω
5%
LTC1444
REF
B
1/4 LTC1444
HYST
V+
+
+
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com