Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1474CS8-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1474CS8-3.3
Description  Low Quiescent Current High Efficiency Step-Down Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1474CS8-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LTC1474CS8-3.3 Datasheet HTML 1Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 2Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 3Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 4Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 5Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 6Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 7Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 8Page - Linear Technology LTC1474CS8-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1474/LTC1475
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Feedback Voltage
ILOAD = 50mA
q
1.205
1.230
1.255
V
LTC1474/LTC1475
VOUT
Regulated Output Voltage
ILOAD = 50mA
LTC1474-3.3/LTC1475-3.3
q
3.234
3.300
3.366
V
LTC1474-5/LTC1475-5
q
4.900
5.000
5.100
V
IFB
Feedback Current
q
030
nA
LTC1474/LTC1475 Only
ISUPPLY
No Load Supply Current (Note 3)
ILOAD = 0 (Figure 1 Circuit)
10
µA
∆VOUT
Output Voltage Line Regulation
VIN = 7V to 12V, ILOAD = 50mA
5
20
mV
Output Voltage Load Regulation
ILOAD = 0mA to 50mA
2
15
mV
Output Ripple
ILOAD = 10mA
50
mVP-P
IQ
Input DC Supply Current (Note 2)
(Exclusive of Driver Gate Charge Current)
Active Mode (Switch On)
VIN = 3V to 18V
100
175
µA
Sleep Mode (Note 3)
VIN = 3V to 18V
9
15
µA
Shutdown
VIN = 3V to 18V, VRUN = 0V
6
12
µA
RON
Switch Resistance
ISW = 100mA
1.4
1.6
Ω
IPEAK
Current Comp Max Current Trip Threshold
RSENSE = 0Ω
325
400
mA
RSENSE = 1.1Ω
70
76
85
mA
VSENSE
Current Comp Sense Voltage Trip Threshold
q
90
100
110
mV
VHYST
Voltage Comparator Hysteresis
5mV
tOFF
Switch Off-Time
VOUT at Regulated Value
3.5
4.75
6.0
µs
VOUT = 0V
65
µs
VLBI, TRIP
Low Battery Comparator Threshold
q
1.16
1.23
1.27
V
VRUN
Run/ON Pin Threshold
0.4
0.7
1.0
V
VLBI, OFF
OFF Pin Threshold (LTC1475 Only)
0.4
0.7
1.0
V
ILBO, SINK
Sink Current into Pin 2
VLBI = 0V, VLBO = 0.4V
0.45
0.70
mA
IRUN, SOURCE
Source Current from Pin 8
VRUN = 0V
0.4
0.8
1.2
µA
ISW, LEAK
Switch Leakage Current
VIN = 18V, VSW = 0V, VRUN = 0V
0.015
1
µA
ILBI, LEAK
Leakage Current into Pin 3
VLBI = 18V, VIN = 18V
0
0.1
µA
ILBO, LEAK
Leakage Current into Pin 2
VLBI = 2V, VLBO = 5V
0
0.5
µA
ELECTRICAL CHARACTERISTICS TA = 25°C, VIN = 10V, VRUN = open, RSENSE = 0, unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1474CS8/LTC1475CS8: TJ = TA + (PD • 110°C/W)
LTC1474CMS8/LTC1475CMS8: TJ = TA + (PD • 150°C/W)
Note 2: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 3: No load supply current consists of sleep mode DC current (9
µA
typical) plus a small switching component (about 1
µA for Figure 1 circuit)
necessary to overcome Schottky diode and feedback resistor leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com