Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS2951CS33RLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2951CS33RLG
Description  150mA Ultra Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2951CS33RLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2951CS33RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2951CS33RLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS2951
Taiwan Semiconductor
Document Number: DS_P0000207
2
Version: G15
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Input Supply Voltage
VIN
-0.3 ~ +30
V
Feedback Input Voltage
VFB
-1.5 ~ +30
V
Shutdown Input Voltage
VSHUTDOWN
-0.3 ~ +30
V
Error Comparator Output Voltage
VERROR
-0.3 ~ +30
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
45
°C/W
Junction to Ambient Thermal Resistance
RӨJA
180
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air.
ELECTRICAL SPECIFICATIONS (V
IN=VOUT+1V, TA=25
oC, unless otherwise specified.)
PARAMETER
CONDITIONS
(Note 2)
MIN
TYP
MAX
UNIT
Output Voltage
TJ=25
oC
|0.985|
5.0
3.3
3.0
|1.015|
V
Full Operating temp
|0.980|
|1.020|
100uA
≤ I
L
≤100mA
|0.975|
|1.025|
Output Voltage Temperature
Coefficient
(Note 1)
--
50
150
ppm/
oC
--
20
100
Line Regulation
(Note 3)
6V
≤ V
IN
≤30V (Note 4)
--
0.04
0.2
%
Load Regulation
(Note 3)
100µA
≤ I
L
≤100mA
--
0.1
0.3
%
Dropout Voltage
(Note 5)
IL=100µA
IL=100mA
--
50
380
80
450
mV
mV
Ground Current
IL=100µA
IL=100mA
--
75
8
120
12
µA
mA
Dropout Ground Current
VIN= 4.5V, IL= 100uA
--
110
170
µA
Current Limit
VOUT= 0
--
160
200
mA
Thermal Regulation
--
0.05
0.2
%W
Output Noise, 10Hz to 100KHz
Bypass=0.01uF
CL= 1µF
--
430
--
µV/ rms
CL= 3.3µF
--
100
--
CL= 200µF
--
160
--
Reference Voltage
(Note 6)
1.21
1.235
1.27
V
VREF
≤ V
OUT
≤ (Vin-1V),
2.3
≤ Vin≤ 30V,
100uA
≤ I
L
≤ 100mA,
TJ
≤ T
J (max)
1.185
1.235
1.285
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com