Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1550LCMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1550LCMS8
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550LCMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1550LCMS8 Datasheet HTML 1Page - Linear Technology LTC1550LCMS8 Datasheet HTML 2Page - Linear Technology LTC1550LCMS8 Datasheet HTML 3Page - Linear Technology LTC1550LCMS8 Datasheet HTML 4Page - Linear Technology LTC1550LCMS8 Datasheet HTML 5Page - Linear Technology LTC1550LCMS8 Datasheet HTML 6Page - Linear Technology LTC1550LCMS8 Datasheet HTML 7Page - Linear Technology LTC1550LCMS8 Datasheet HTML 8Page - Linear Technology LTC1550LCMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1550L/LTC1551L
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Oscillator Frequency vs
Temperature
OUTPUT VOLTAGE (V)
–5
6.0
5.6
5.2
4.8
4.4
4.0
3.6
3.2
2.8
2.4
2.0
–1
1550L/51L G03
–4
–3
–2
0
IOUT = 20mA
IOUT = 10mA
IOUT = 5mA
Minimum Required VCC
vs VOUT and IOUT
TEMPERATURE (˚C)
–55 –35 –15
5
25
45
65
85 105 125
875
925
975
1550L/51L G01
825
775
725
675
VCC = 5V
VOUT = –4.1V
TEMPERATURE (
°C)
1550L/51L G02
VCC = 5V
VOUT = –4.1V
–55 –35 –15
5
25
45
65
85 105 125
5.0
4.5
4.0
3.5
3.0
2.5
Reference Voltage vs VCC + |VOUT|
Start-Up Time vs Supply Voltage
Maximum Output Current
vs Supply Voltage
Load Transient Response
(See Figure 3, VCC = 5V)
Line Transient Response
(See Figure 3, IL = 10mA)
5V
0V
– 4.1V
VOUT
SHDN
0.2ms/DIV
1550/51 G07
Startup Time (LTC1550L Shown)
0V
5V
0V
POWER VALID
0mA
1ms/DIV
1550/51 G08
10mA
VOUT
5mV/DIV
AC
COUPLED
IOUT
4.75V
2ms/DIV
1550/51 G09
VOUT
5mV/DIV
AC
COUPLED
5.25V
VCC
SUPPLY VOLTAGE (V)
2.25
2.75
3.25
3.75
4.25
4.75
5.25
1550L/51L G04
80
70
60
50
40
30
20
10
0
TA = 25°C
VOUT = –2V
VOUT = –2.5V
VOUT = –4.1V
SUPPLY VOLTAGE (V)
2.25
2.75
3.25
3.75
4.25
4.75
5.25
1550L/51L G05
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
VOUT = –2V
RL = 390Ω
VOUT = –4.1V
RL = 820Ω
1.24
1.238
1.236
1.234
1.232
1.230
1.228
1.226
1.224
1.222
1.220
1.218
VCC + |VOUT| (V)
456789
10
4.5
5.5
6.5
7.5
8.5
9.5
1550L/51L G06
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com