Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1553LCSW Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1553LCSW
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553LCSW Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1553LCSW Datasheet HTML 12Page - Linear Technology LTC1553LCSW Datasheet HTML 13Page - Linear Technology LTC1553LCSW Datasheet HTML 14Page - Linear Technology LTC1553LCSW Datasheet HTML 15Page - Linear Technology LTC1553LCSW Datasheet HTML 16Page - Linear Technology LTC1553LCSW Datasheet HTML 17Page - Linear Technology LTC1553LCSW Datasheet HTML 18Page - Linear Technology LTC1553LCSW Datasheet HTML 19Page - Linear Technology LTC1553LCSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC1553L
APPLICATIONS INFORMATION
G Package
20-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
Dimension in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
Figure 11. Single Supply LTC1553L 5V to 1.8V-3.5V Application with Thermal Monitor
PWRGD
FAULT
OT
VID0 TO VID4
OUTEN
COMP
SS
SGND
SENSE
Q1*
Q2*
VCC
PVCC
VIN
5V
LO†
2
µH
18A
LTC1553L
G1
IFB
G2
0.1
µF
5V
1.8k
1553L F11
CC
0.01
µF
RC
8.2k
5.6k
5.6k
5.6k
CSS
0.1
µF
0.1
µF
0.1
µF
20
Ω
1N5817
10
µF
GND
IMAX
2.7k
CIN**
1200
µF
× 4
vOUT
COUT††
330
µF
× 7
+
+
C1
150pF
+
5
PENTIUM II
SYSTEM
DALE
NTHS-1206N02
MOUNT THERMISTER
IN CLOSE THERMAL
PROXIMITY TO Q1
*SILICONIX SUD50N03-10
**SANYO 10MV1200GX
†COILTRONICS CTX02-13198 OR
PANASONIC 12TS-2R5SP
†† AVX TPSE337M006R0100
G20 SSOP 0595
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212**
(5.20 – 5.38)
0.301 – 0.311
(7.65 – 7.90)
12 3
4
5
6 7 89 10
0.278 – 0.289*
(7.07 – 7.33)
17
18
14 13 12 11
15
16
19
20
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com