Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1594LCS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1594LCS
Description  4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594LCS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1594LCS Datasheet HTML 12Page - Linear Technology LTC1594LCS Datasheet HTML 13Page - Linear Technology LTC1594LCS Datasheet HTML 14Page - Linear Technology LTC1594LCS Datasheet HTML 15Page - Linear Technology LTC1594LCS Datasheet HTML 16Page - Linear Technology LTC1594LCS Datasheet HTML 17Page - Linear Technology LTC1594LCS Datasheet HTML 18Page - Linear Technology LTC1594LCS Datasheet HTML 19Page - Linear Technology LTC1594LCS Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1594L/LTC1598L
APPLICATIONS INFORMATION
edge, the S & H goes into hold mode and the conversion
begins. The voltage on the “COM” input must remain
constant and be free of noise and ripple throughout the
conversion time. Otherwise, the conversion operation
may not be performed accurately. The conversion time is
12 CLK cycles. Therefore, a change in the “COM” input
voltage during this interval can cause conversion errors.
For a sinusoidal voltage on the “COM” input this error
would be:
VERROR(MAX) = VPEAK(2π)(f)(“COM”)12/fCLK
Where f(“COM”) is the frequency of the “COM” input
voltage, VPEAK is its peak amplitude and fCLK is the
frequency of the CLK. In most cases, VERROR will not be
significant. For a 60Hz signal on the “COM” input to
generate a 0.5LSB error (305
µV) with the converter
running at CLK = 200kHz, its peak value would have to be
5.266mV.
ANALOG INPUTS
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1594L/
LTC1598L have capacitive switching input current spikes.
These current spikes settle quickly and do not cause a
problem. However, if large source resistances are used
or if slow settling op amps drive the inputs, care must be
taken to insure that the transients caused by the current
spikes settle completely before the conversion begins.
“Analog” Input Settling
The input capacitor of the LTC1594L/LTC1598L is switched
onto the selected channel input during the tSMPL time (see
Figure 7) and samples the input signal within that time. The
sample phase is at least 1 1/2 CLK cycles before conver-
sion starts. The voltage on the “analog” input must settle
completely within tSMPL. Minimizing RSOURCE+ and C1 will
improve the input settling time. If a large “analog” input
source resistance must be used, the sample time can be
increased by using a slower CLK frequency.
“COM” Input Settling
At the end of the tSMPL, the input capacitor switches to the
“COM” input and conversion starts (see Figures 1 and 7).
During the conversion, the “analog” input voltage is
effectively “held” by the sample-and-hold and will not
affect the conversion result. However, it is critical that the
“COM” input voltage settles completely during the first
CLK cycle of the conversion time and be free of noise.
Minimizing RSOURCE– and C2 will improve settling time.
If a large “COM” input source resistance must be used,
the time allowed for settling can be extended by using a
slower CLK frequency.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settle within the allowed time
(see Figure 7). Again, the “analog” and “COM” input
sampling times can be extended as described above to
accommodate slower op amps. Most op amps, including
the LT
®1006 and LT1413 single supply op amps, can be
made to settle well even with the minimum settling
windows of 7.5
µs (“analog” input) which occur at the
maximum clock rate of 200kHz.
Source Resistance
The analog inputs of the LTC1594L/LTC1598L look like a
20pF capacitor (CIN) in series with a 1k resistor (RON) and
a 90
Ω channel resistance as shown in Figure 8. CIN gets
switched between the selected “analog” and “COM”
inputs once during each conversion cycle. Large external
source resistors and capacitances will slow the settling
of the inputs. It is important that the overall RC time
constants be short enough to allow the analog inputs to
completely settle within the allowed time.
Figure 8. Analog Input Equivalent Circuit
RON
1k
RON
90
Ω
CIN
20pF
LTC1594L
LTC1598L
“ANALOG”
INPUT
RSOURCE+
VIN+
C1
“COM”
INPUT
MUXOUT
MUX
ADCIN
RSOURCE–
VIN–
C2
1594L/98L F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com