Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M30621MCM Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M30621MCM
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30621MCM Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M30621MCM Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M30621MCM Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Electrical characteristics (Vcc = 3V)
.
Mitsubishi microcomputers
M16C / 62M (80-pin version) Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
13
VCC = 3V
Timing requirements (referenced to VCC = 3V, VSS = 0V at Ta = – 20oC to 85oC / – 40oC to 85oC (*)
unless otherwise specified)
* : Specify a product of -40
°C to 85°C to use it.
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tw(TAL)
TAiIN input LOW pulse width
60
ns
tc(TA)
TAiIN input cycle time
150
ns
tw(TAH)
TAiIN input HIGH pulse width
60
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(TA)
TAiIN input cycle time
600
ns
tw(TAH)
TAiIN input HIGH pulse width
300
ns
tw(TAL)
TAiIN input LOW pulse width
300
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(TA)
TAiIN input cycle time
300
ns
tw(TAH)
TAiIN input HIGH pulse width
150
ns
tw(TAL)
TAiIN input LOW pulse width
150
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tw(TAH)
TAiIN input HIGH pulse width
150
ns
tw(TAL)
TAiIN input LOW pulse width
150
Standard
Max.
Min.
Unit
Parameter
Symbol
ns
tc(UP)
TAiOUT input cycle time
3000
ns
tw(UPH)
TAiOUT input HIGH pulse width
1500
ns
tw(UPL)
TAiOUT input LOW pulse width
1500
ns
tsu(UP-TIN)
TAiOUT input setup time
600
ns
th(TIN-UP)
TAiOUT input hold time
600
Table 1.20.10. Timer A input (gating input in timer mode)
Table 1.20.11. Timer A input (external trigger input in one-shot timer mode)
Table 1.20.12. Timer A input (external trigger input in pulse width modulation mode)
Table 1.20.13. Timer A input (up/down input in event counter mode)
Table 1.20.9. Timer A input (counter input in event counter mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com