Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1647-1CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1647-1CS8
Description  Dual Hot Swap Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-1CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1647-1CS8 Datasheet HTML 1Page - Linear Technology LTC1647-1CS8 Datasheet HTML 2Page - Linear Technology LTC1647-1CS8 Datasheet HTML 3Page - Linear Technology LTC1647-1CS8 Datasheet HTML 4Page - Linear Technology LTC1647-1CS8 Datasheet HTML 5Page - Linear Technology LTC1647-1CS8 Datasheet HTML 6Page - Linear Technology LTC1647-1CS8 Datasheet HTML 7Page - Linear Technology LTC1647-1CS8 Datasheet HTML 8Page - Linear Technology LTC1647-1CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC1647-1/LTC1647-2/LTC1647-3
4
VCC (V)
2
6
10
14
18
4
8
12
16
1647-1/2/3 G01
6
5
4
3
2
1
0
TA = 25°C
ICC = ICC1 + ICC2
VCC = VCC1 = VCC2 = ON1 = ON2
TEMPERATURE (
°C)
–75 –50 –25
0
25
50
75 100 125 150
1647-1/2/3 G02
6
5
4
3
2
1
0
ICC = ICC1 + ICC2
VCC = VCC1 = VCC2 = ON1 = ON2
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
VCC2 (V)
02468
10 12 14 16 18 20
1647-1/2/3 G03
5
4
3
2
1
0
TA = 25°C
VCC1 = 15V
VCC1 = 12V
VCC1 = 3V
VCC1 = 5V
VCC2 (V)
02468
10 12 14 16 18 20
1647-1/2/3 G04
5
4
3
2
1
0
TA = 25°C
VCC1 = 15V
VCC1 = 12V
VCC1 = 3V
VCC1 = 5V
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G05
20
18
16
14
12
10
8
6
4
2
0
TA = 25°C
VCC = VCC1 = VCC2
VCC (V)
02468
10 12 14 16 18 20
1647-1/2/3 G06
30
25
20
15
10
5
0
TA = 25°C
VCC = VCC1 = VCC2
TEMPERATURE (
°C)
1647-1/2/3 G07
20
18
16
14
12
10
8
6
4
2
0
VCC = VCC1 = VCC2
–75 –50 –25
0
25
50
75 100 125 150
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
TEMPERATURE (
°C)
1647-1/2/3 G08
35
30
25
20
15
10
5
0
VCC = VCC1 = VCC2
–75 –50 –25
0
25
50
75 100 125 150
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
VCC2 (V)
02468
10 12 14 16 18 20
1647-1/2/3 G09
20
18
16
14
12
10
8
6
4
2
0
VCC1 = 15V
VCC1 = 12V
VCC1 = 3V
VCC1 = 5V
TA = 25°C
(LTC1647-3)
ICC vs VCC
ICC vs Temperature
ICC1 vs VCC2
ICC2 vs VCC2
(VGATE – VCC) vs VCC
VGATE vs VCC
(VGATE – VCC) vs Temperature
VGATE vs Temperature
(VGATE1 – VCC1) vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com