Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1694CS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1694CS5
Description  SMBus/I2C Accelerator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1694CS5 Datasheet(HTML) 8 Page - Linear Technology

  LTC1694CS5 Datasheet HTML 1Page - Linear Technology LTC1694CS5 Datasheet HTML 2Page - Linear Technology LTC1694CS5 Datasheet HTML 3Page - Linear Technology LTC1694CS5 Datasheet HTML 4Page - Linear Technology LTC1694CS5 Datasheet HTML 5Page - Linear Technology LTC1694CS5 Datasheet HTML 6Page - Linear Technology LTC1694CS5 Datasheet HTML 7Page - Linear Technology LTC1694CS5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1694
1694f LT/TP 0400 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
VCC = 5V
1
µs/DIV
CLD = 200pF
fSMBus = 100kHz
1694 TA03
VCC = 3.3V
1
µs/DIV
CLD = 200pF
fSMBus = 100kHz
1694 TA04
Comparison of SMBus Waveforms for the LTC1694 vs Resistor Pull-Up
RPULL-UP
= 15.8k
LTC1694
LTC1694
RPULL-UP
= 10.5k
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1380/LTC1393
8-Channel/4-Channel Analog Multiplexer with SMBus Interface
Low RON and Low Charge Injection
LTC1427-50
10-Bit Current DAC with SMBus Interface
50
µA Full-Scale Current
LTC1623
Dual High Side Switch Controller with SMBus Interface
8 Selectable Addresses/16 Channel Capability
LTC1663
SMBus Interface 10-Bit Rail-to-Rail Micropower DAC
DNL < 0.75LSB Max, 5-Lead SOT-23 Package
LTC1694-1
SMBus/I2C Accelerator
Includes AC Pull-Up Current Only
LTC1695
SMBus/I2C Fan-Speed Controller in SOT-23
0.75
Ω PMOS Linear Regulator with 180mA Output Current,
SMBus-Controlled 6-Bit DAC
LTC1710
SMBus Dual High Side Switch
Two 0.4
Ω, 300mA N-Channel Switches
LTC1759
Single Chip Smart Battery Charger Controller with SMBus Interface
94% Efficiency with Input Current Limiting, Up to 8A ICHG
LT1786F
SMBus-Controlled CCFL Switching Regulator
1.25A, 200kHz, Floating or Grounded Lamp Configurations
APPLICATIO S I FOR ATIO
1V/DIV
1V/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com