Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1596CCSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1596CCSW
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596CCSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1596CCSW Datasheet HTML 1Page - Linear Technology LTC1596CCSW Datasheet HTML 2Page - Linear Technology LTC1596CCSW Datasheet HTML 3Page - Linear Technology LTC1596CCSW Datasheet HTML 4Page - Linear Technology LTC1596CCSW Datasheet HTML 5Page - Linear Technology LTC1596CCSW Datasheet HTML 6Page - Linear Technology LTC1596CCSW Datasheet HTML 7Page - Linear Technology LTC1596CCSW Datasheet HTML 8Page - Linear Technology LTC1596CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1595/LTC1596/LTC1596-1
Serial 16-Bit
Multiplying DACs
FEATURES
s
SO-8 Package (LTC1595)
s
DNL and INL: 1LSB Max
s
Low Glitch Impulse: 1nV-s Typ
s
Fast Settling to 1LSB: 2
µs (with LT1468)
s
Pin Compatible with Industry Standard
12-Bit DACs: DAC8043 and DAC8143/AD7543
s
4-Quadrant Multiplication
s
Low Supply Current: 10
µA Max
s
Power-On Reset
LTC1595/LTC1596: Resets to Zero Scale
LTC1596-1: Resets to Midscale
s
3-Wire SPI and MICROWIRE
TM Compatible
Serial Interface
s
Daisy-Chain Serial Output (LTC1596)
s
Asynchronous Clear Input
LTC1596: Clears to Zero Scale
LTC1596-1: Clears to Midscale
DESCRIPTION
The LTC
®1595/LTC1596/LTC1596-1 are serial input,
16-bit multiplying current output DACs. The LTC1595 is
pin and hardware compatible with the 12-bit DAC8043 and
comes in 8-pin PDIP and SO packages. The LTC1596 is pin
and hardware compatible with the 12-bit DAC8143/AD7543
and comes in 16-pin PDIP and SO wide packages.
Both are specified over the industrial temperature range.
Sensitivity of INL to op amp VOS is reduced by five times
compared to the industry standard 12-bit DACs, so most
systems can be easily upgraded to true 16-bit resolution
and linearity without requiring more precise op amps.
These DACs include an internal deglitching circuit that
reduces the glitch impulse by more than ten times to less
than 1nV-s typ.
The DACs have a clear input and a power-on reset. The
LTC1595 and LTC1596 reset to zero scale. The LTC1596-1
is a version of the LTC1596 that resets to midscale.
MICROWIRE is a trademark of National Semiconductor Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
VDD VREF
LTC1595
RFB
GND
4
7
6
5
8
5V
VIN
CLOCK
DATA
LOAD
CLK
SRI
LD
1
2
3
OUT1
33pF
VOUT
1595/96 TA01
LT
®1468
DIGITAL INPUT CODE
0
–1.0
–0.6
– 0.8
–0.4
0.4
0.6
0.8
1.0
–0.2
0.2
0
16384
32768
1595/96 TA02
49152
65535
Integral Nonlinearity
SO-8 Multiplying 16-Bit DAC Has Easy 3-Wire Serial Interface
APPLICATIONS
s
Process Control and Industrial Automation
s
Software Controlled Gain Adjustment
s
Digitally Controlled Filter and Power Supplies
s
Automatic Test Equipment
TYPICAL APPLICATION


Similar Part No. - LTC1596CCSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1596 LINER-LTC1596 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1596 LINER-LTC1596 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
More results

Similar Description - LTC1596CCSW

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
14-Bit Multiplying DACs
logo
Linear Technology
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
logo
Sipex Corporation
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
14-Bit Multiplying DACs
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
16-Bit Multiplying DACs
logo
Linear Technology
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5429 AD-AD5429_16 Datasheet
828Kb / 28P
Multiplying DACs with Serial Interface
1/16-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com