Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1728 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1728
Description  Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1728 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1728 Datasheet HTML 8Page - Linear Technology LTC1728 Datasheet HTML 9Page - Linear Technology LTC1728 Datasheet HTML 10Page - Linear Technology LTC1728 Datasheet HTML 11Page - Linear Technology LTC1728 Datasheet HTML 12Page - Linear Technology LTC1728 Datasheet HTML 13Page - Linear Technology LTC1728 Datasheet HTML 14Page - Linear Technology LTC1728 Datasheet HTML 15Page - Linear Technology LTC1728 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1727/LTC1728
TYPICAL APPLICATIO S
Dual Supply Monitor (3.3V Plus Adjustable)
5
4
3
2
1
VCC3
VCC25
VCCA
GND
RST
LTC1728-2.5
SYSTEM RESET
R2*
1727/28 TA06
R1*
ADJUSTABLE
SUPPLY
3.3V
10k
*TO PRESERVE THRESHOLD ACCURACY, SET PARALLEL
COMBINATION OF R1 AND R2
≤ 66.5k
Using VCCA Tied to DC/DC Feedback Divider
5
4
3
2
1
VCC3
VCC5
VCCA
GND
RST
LTC1728-5
3.3V
SYSTEM RESET
5V
22.1k
1%
1727/28 TA07
35.7k
1%
LTC1435
ADJUSTABLE
RESET TRIP
THRESHOLD 2.74V
2.9V
2.8k
1%
6
VOSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com